Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2641 Datasheet(PDF) 23 Page - Microchip Technology

Part # USB2641
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641 Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB2641 Datasheet HTML 19Page - Microchip Technology USB2641 Datasheet HTML 20Page - Microchip Technology USB2641 Datasheet HTML 21Page - Microchip Technology USB2641 Datasheet HTML 22Page - Microchip Technology USB2641 Datasheet HTML 23Page - Microchip Technology USB2641 Datasheet HTML 24Page - Microchip Technology USB2641 Datasheet HTML 25Page - Microchip Technology USB2641 Datasheet HTML 26Page - Microchip Technology USB2641 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
 2015-2021 Microchip Technology Inc.
DS00001947C-page 23
USB2640/USB2641
7.0
CONFIGURATION OPTIONS
7.1
Hub
Microchip’s USB 2.0 hub is fully compliant to the Universal Serial Bus Specification available from the USB Imple-
menter’s Forum found at http://www.usb.org (Revision 2.0 April 27, 2000 and the 12/7/2000 and 5/28/2002 Errata).
Please reference Chapter 11 (Hub Specification) for general details regarding hub operation and functionality.
The hub provides 1 transaction translator (TT) that is shared by both downstream ports (defined as a single-TT config-
uration). The TT contains 4 non-periodic buffers.
7.1.1
HUB CONFIGURATION OPTIONS
The Microchip hub supports a large number of features (some are mutually exclusive), and must be configured in order
to correctly function when attached to a USB host controller. There are two principal ways to configure the hub:
• via the internal default settings or
• by settings stored in an external EEPROM or SPI Flash device.
7.1.1.1
Power Switching Polarity
The hub only supports active high port power controllers.
7.1.2
VBUS DETECT
According to Section 7.2.1 of the USB 2.0 Specification, a downstream port cannot provide power to its D+ or D- pull-
up resistors unless the upstream port’s VBUS is in the asserted (powered) state. The VBUS_DET pin on the hub mon-
itors the state of the upstream VBUS signal and will not pull-up the D+ resistor if VBUS is not active. If VBUS goes from
an active to an inactive state (not powered), the hub will remove power from the D+ pull-up resistor within 10 seconds.
7.2
Card Reader
The Microchip USB2640/USB2641 is fully compliant with the following flash media card reader specifications:
• Secure Digital 2.0 / MultiMediaCard 4.2
- SD 2.0, HS-SD, HC-SD
- TransFlash™ and reduced form factor media
- 1/4/8 bit MMC 4.2
• Memory Stick 1.43
• Memory Stick Pro Format 1.02
• Memory Stick Pro-HG Duo Format 1.01
- Memory Stick, MS Duo, HS-MS, MS Pro-HG, MS Pro
• Memory Stick Duo 1.10
• xD-Picture Card 1.2 compliant
7.3
System Configurations
7.3.1
EEPROM/SPI INTERFACE
The USB2640/USB2641 can be configured via a 2-wire (I2C) EEPROM (256x8 or a recommended 512x8 for internal
ROM support) or an external SPI ROM flash device containing the firmware for the USB2640/USB2641. If an external
configuration device does not exist, the internal default values will be used. If one of the external devices is used for
configuration, the OEM can update the values through the USB interface. The hub will then “attach” to the upstream
USB host.
When using an external SPI Flash, the register addresses in the following three tables (Table 7-1, Table 7-2, Table 7-3)
refer to offsets from the starting location ‘FE80h’.
The USBDM tool set is available in the USB264x Hub Card reader combo software release package. To download the
software package from Microchip’s website, please visit:
http://www.microchip.com/SWLibraryWeb/producttc.aspx?product=USBDM%20Tool



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com