Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2641 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB2641
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB2641 Datasheet HTML 28Page - Microchip Technology USB2641 Datasheet HTML 29Page - Microchip Technology USB2641 Datasheet HTML 30Page - Microchip Technology USB2641 Datasheet HTML 31Page - Microchip Technology USB2641 Datasheet HTML 32Page - Microchip Technology USB2641 Datasheet HTML 33Page - Microchip Technology USB2641 Datasheet HTML 34Page - Microchip Technology USB2641 Datasheet HTML 35Page - Microchip Technology USB2641 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
USB2640/USB2641
DS00001947C-page 32
 2015-2021 Microchip Technology Inc.
7.3.4.11
D3h: Dynamic Number of LUNs
7.3.4.12
D4h-D7h: Device to LUN Mapping
7.3.4.13
D8h-DDh: Reserved
7.3.5
HUB CONTROLLER CONFIGURATIONS
7.3.5.1
DEh: Vendor ID (LSB)
Bit
Byte Name
UCHAR
Description
7:0
DYN_NUM_LUN
FFh
These bytes are used to specify the number of LUNs
the device exposes to the host. These bytes are also
used for icon sharing by assigning more than one LUN
to a single icon. This is used in applications where the
device utilizes a combo socket and the OEM wishes
to have only a single icon displayed for one or more
interfaces.
USB2640/USB2641 supports one LUN. MS, SM, and
SD/MMC are mapped to that LUN.
If this field is set to "FF", the program assumes that
you are using the default value of "04" and will display
icons for xD, MS, and SD/MMC. If this field is any
other value besides "FF", you must specify the LUN#
assignments in the boxes starting with LUN 00 and
going to (# of Icons to Display -1).
These bytes are reserved for internal use only.
Byte
Name
UCHARS
Description
3:0
DEV_LUN_MAP
FFh, FFh, FFh, FFh These bytes are used to specify the number of LUNs
the device exposes to the host. These bytes are also
used for icon sharing by assigning more than one
LUN to a single icon. This is used in applications
where the device utilizes a combo socket and the
OEM wishes to have only a single icon displayed for
one or more interfaces.
USB2640/USB2641 supports one LUN. MS, SM, and
SD/MMC are mapped to that LUN.
If this field is set to "FF", the program assumes that
you are using the default value of "04" and will display
icons for xD, MS, and SD/MMC. If this field is any
other value besides "FF", you must specify the LUN#
assignments in the boxes starting with LUN 00 and
going to (# of Icons to Display -1).
These bytes are reserved for internal use only.
Bit
Byte Name
Description
5:0
Reserved
For internal use only.
Bit
Byte Name
Description
7:0
VID_LSB
Least Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB Implementer’s
Forum).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com