Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2641 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB2641
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB2641 Datasheet HTML 11Page - Microchip Technology USB2641 Datasheet HTML 12Page - Microchip Technology USB2641 Datasheet HTML 13Page - Microchip Technology USB2641 Datasheet HTML 14Page - Microchip Technology USB2641 Datasheet HTML 15Page - Microchip Technology USB2641 Datasheet HTML 16Page - Microchip Technology USB2641 Datasheet HTML 17Page - Microchip Technology USB2641 Datasheet HTML 18Page - Microchip Technology USB2641 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
 2015-2021 Microchip Technology Inc.
DS00001947C-page 15
USB2640/USB2641
SD_CLK
21
O12
Secure Digital Clock
This is an output clock signal to the SD/MMC device.
SD_CMD
24
I/O12PU
Secure Digital Command
This is a bi-directional signal that connects to the CMD signal of the
SD/MMC device and has an internal weak pull-up resistor.
SD_WP
13
I/O12
Secure Digital Write Protected
Designates as the Secure Digital card mechanical write protect detect
pin.
SD_nCD
14
I/O12
Secure Digital Card Detect
Designates as the Secure Digital card detection pin.
USB INTERFACE
USB-
USB+
43
42
I/O-U
USB Bus Data
These pins connect to the upstream USB bus data signals. USB+ and
USB- can be swapped using the PortSwap feature (See Section
7.3.5.20, "F1h: Port Swap," on page 38).
USBDN_DM
[3:2]
USBDN_DP
[3:2]
3
1
4
2
I/O-U
USB Bus Data
These pins connect to the downstream USB bus data signals and can
be swapped using the PortSwap feature (See Section 7.3.5.20, "F1h:
Port Swap," on page 38).
PRTCTL[3:2]
7
6
I/OD12PU
USB Power Enable
As an output, these pins enable power to downstream USB peripheral
devices and have weak internal pull-up resistors. See Section 6.3,
"Port Power Control" for diagram and usage instructions.
As an input, when the power is enabled, these pins monitor the over-
current condition. When an over-current condition is detected, the pins
turn the power off.
VBUS_DET
39
I
Detect Upstream VBUS Power
Detects the state of upstream VBUS power. The Hub monitors
VBUS_DET to determine when to assert the internal D+ pull-up resistor
(signaling a connect event).
When designing a detachable hub, connect this pin to the VBUS power
pin of the USB port that is upstream of the Hub.
For self-powered applications with a permanently attached host, this
pin should be pulled up, typically to VDD33.
VBUS is a 3.3 volt input. A resistor divider must be used if connecting
to 5 volts of USB power.
RBIAS
47
I-R
USB Transceiver Bias
A 12.0 k
 1.0% resistor is attached from VSS to this pin in order to
set the transceiver's internal bias currents.
XTAL1 (CLKIN)
45
ICLKx
24 MHz Crystal Input or External clock Input
This pin can be connected to one terminal of the crystal or it can be
connected to an external 24 MHz 1.8 V clock when a crystal is not
used.
TABLE 6-1:
USB2640/USB2641 PIN DESCRIPTIONS (CONTINUED)
Symbol
48-Pin
QFN
Buffer Type
(Table 6-2)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com