Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2641 Datasheet(PDF) 50 Page - Microchip Technology

Part # USB2641
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641 Datasheet(HTML) 50 Page - Microchip Technology

Back Button USB2641 Datasheet HTML 46Page - Microchip Technology USB2641 Datasheet HTML 47Page - Microchip Technology USB2641 Datasheet HTML 48Page - Microchip Technology USB2641 Datasheet HTML 49Page - Microchip Technology USB2641 Datasheet HTML 50Page - Microchip Technology USB2641 Datasheet HTML 51Page - Microchip Technology USB2641 Datasheet HTML 52Page - Microchip Technology USB2641 Datasheet HTML 53Page - Microchip Technology USB2641 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
USB2640/USB2641
DS00001947C-page 50
 2015-2021 Microchip Technology Inc.
Note 9-3
Output leakage is measured with the current pins in high impedance.
Note 9-4
See the USB 2.0 Specification, Chapter 7, for USB DC electrical characteristics
Note 9-5
RBIAS is a 3.3 V tolerant analog pin.
Note 9-6
Output current range is controlled by program software. The software disables the FET during short
circuit condition.
9.4
Capacitance TA = 25°C; fc = 1 MHz; VDD33 = 3.3 V
9.5
Package Thermal Specifications
Supply Current Unconfigured
Hi-Speed Host
Full Speed Host
ICCINTHS
ICCINITFS
65
60
70
65
mA
mA
Supply Current Active
ICC
280
300
mA
Supply Current Suspend
ICSBY
420
550
µA
Supply Current Reset
IRST
205
325
µA
TABLE 9-1:
PIN CAPACITANCE
Parameter
Symbol
Limits
Unit
Test Condition
MIN
TYP
MAX
Clock Input Capacitance
CXTAL
2
pF
All pins (except USB pins and
pins under test) are tied to AC
ground.
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF
TABLE 9-2:
48-QFN PACKAGE THERMAL SPECIFICATIONS
Symbol
°C/W
Velocity (Meters/s)
JA
28
0
24
1
22
2.5
JB
15
-
JC
2.2
-
JT
0.2
0
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com