Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2641 Datasheet(PDF) 35 Page - Microchip Technology

Part # USB2641
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641 Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB2641 Datasheet HTML 31Page - Microchip Technology USB2641 Datasheet HTML 32Page - Microchip Technology USB2641 Datasheet HTML 33Page - Microchip Technology USB2641 Datasheet HTML 34Page - Microchip Technology USB2641 Datasheet HTML 35Page - Microchip Technology USB2641 Datasheet HTML 36Page - Microchip Technology USB2641 Datasheet HTML 37Page - Microchip Technology USB2641 Datasheet HTML 38Page - Microchip Technology USB2641 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
 2015-2021 Microchip Technology Inc.
DS00001947C-page 35
USB2640/USB2641
7.3.5.9
E6h: Configuration Data Byte 3 (CFG_DAT_BYT3)
7.3.5.10
E7h: Non-Removable Device
Bit
Name
Description
7:4
Reserved
Always reads ‘0’.
3
PRTMAP_EN
Port mapping enable: Selects the method used by the hub to assign port
numbers and disable ports.
‘0’ = Standard Mode. Strap options or the following registers are used to define
which ports are enabled, and the ports are mapped as Port ‘n’ on the hub is
reported as Port ‘n’ to the host, unless one of the ports is disabled, then the
higher numbered ports are remapped in order to report contiguous port
numbers to the host.
Register 300Ah: Port Disable For Self-Powered Operation (Reset = 0x00).
Register 300Bh: Port Disable For Bus-Powered Operation (Reset = 0x00).
‘1’ = Port map mode. The mode enables remapping via the registers defined
below.
Register 30FBh: Port Map 12 (Reset = 0x00)
Register 30FCh: Port Map 3 (Reset = 0x00)
2:0
Reserved
Always reads ‘0’.
Bit
Byte Name
Description
7:0
NR_DEVICE
Indicates which port(s) include non-removable devices.
‘0’ = Port is removable
‘1’ = Port is non-removable
Informs the host if one of the active ports has a permanent device that is
undetachable from the hub. (Note: The device must provide its own descriptor
data.)
When using the internal default option, the NON_REM[1:0] pins will designate
the appropriate ports as being non-removable.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Controls physical port 3
Bit 2= Controls physical port 2
Bit 1= Controls physical port 1
Bit 0= Reserved, always = ‘0’
Note:
Bit 1 must be set to a ‘1’ by the firmware for proper identification of
the card reader as a non-removable device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com