Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2641 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB2641
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641 Datasheet(HTML) 1 Page - Microchip Technology

  USB2641 Datasheet HTML 1Page - Microchip Technology USB2641 Datasheet HTML 2Page - Microchip Technology USB2641 Datasheet HTML 3Page - Microchip Technology USB2641 Datasheet HTML 4Page - Microchip Technology USB2641 Datasheet HTML 5Page - Microchip Technology USB2641 Datasheet HTML 6Page - Microchip Technology USB2641 Datasheet HTML 7Page - Microchip Technology USB2641 Datasheet HTML 8Page - Microchip Technology USB2641 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
 2015-2021 Microchip Technology Inc.
DS00001947C-page 1
General Description
The Microchip USB2640/USB2641 is a USB 2.0 com-
pliant, Hi-Speed hub for USB port expansion with an
attached mass storage class peripheral controller. The
controller allows read/write capability to popular flash
media from the following families:
• Secure DigitalTM (SD)
• MultiMediaCardTM (MMC)
• xD-Picture CardTM (xD)1
• Memory Stick(MS)
The USB2640/USB2641 is a fully integrated, single
chip solution providing USB expansion and integrated
flash card media reader/writer capability of ultra high
performance operation. Average sustained transfer
rates exceeding 35 MB/s are possible2.
Highlights
• Hub controller with internally connected ultra fast
flash media reader/writer and 2 exposed down-
stream ports for external peripheral expansion
• Flash media reader/writer employs multiplexed
card interfaces which are optimized for use with
single card insertion combo sockets
• Hardware-controlled data flow architecture for all
self-mapped media
• Optional support for external firmware access via
SPI interface
• PortMap
- Flexible port mapping and port disable
sequencing supports multiple platform
designs
• PortSwap
- Programmable USB differential-pair pin loca-
tions eases PCB design by aligning USB sig-
nal traces directly to connectors
• PHYBoost
- Programmable USB transceiver drive
strength recovers signal integrity
Features
• Compliant with the following flash media card
specifications: SD 2.0 / MMC 4.2 / MS 1.43 / MS-
Pro 1.02 / MS-PRO-HG 1.01 / MS-Duo 1.10 / xD
1.2
• Supports a single external 3.3 V supply source;
internal regulators provide 1.8 V internal core volt-
age for additional bill of materials and power sav-
ings
• The transaction translator (TT) in the hub sup-
ports operation of Full-Speed and Low-Speed
peripherals
• 9 K RAM | 64 K on-chip ROM
• Enhanced EMI rejection and ESD protection per-
formance
• On board 24 MHz crystal driver circuit
• Optional external 24 MHz clock input
• 8051 8-bit microprocessor
• Hub and flash media reader/writer configuration
from a single source: External I2C ROM or exter-
nal SPI ROM
- Configures internal code using an external
I2C EEPROM
- Supports external code using a SPI Flash
EEPROM
- Customizable vendor ID, product ID, lan-
guage ID
• EEPROM update via USB
• 48-pin QFN RoHS compliant package (7 x 7 mm)
Applications
• Desktop and mobile PCs
• Personal mobile devices
• Printers
• GPS navigation systems
• Media Players/Viewers
• Consumer A/V
• Set-top boxes
1. Support and capabilities for xD-Picture Card are
not applicable for the USB2641. Please obtain a
user license from the xD-Picture Card License Of-
fice to support this flash media format.
2. Host and media dependent.
USB2640/USB2641
Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB
Hub Combo


Similar Part No. - USB2641

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2641I SMSC-USB2641I Datasheet
390Kb / 8P
Industrial Temperature USB 2.0 Flash Media Controller and Hub Combo
logo
Microchip Technology
USB2641I MICROCHIP-USB2641I Datasheet
663Kb / 59P
Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
02/28/20
USB2641I-HZH-02 MICROCHIP-USB2641I-HZH-02 Datasheet
663Kb / 59P
Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
02/28/20
USB2641I-HZH-02-CAG MICROCHIP-USB2641I-HZH-02-CAG Datasheet
663Kb / 59P
Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
02/28/20
More results

Similar Description - USB2641

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2240 SMSC-USB2240 Datasheet
717Kb / 28P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
USB2250 SMSC-USB2250 Datasheet
894Kb / 36P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
logo
Microchip Technology
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
Revision 2.1 02-07-13
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
Ultra Fast USB 2.0 Multi-Format, SD/MMC and MS Flash Media Controllers
Revision 2.1 02-07-13
USB2642 MICROCHIP-USB2642 Datasheet
889Kb / 56P
USB 2.0 Hub and Flash Media Card Controller Combo
01/27/15
USB2240 MICROCHIP-USB2240 Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format
01/27/15
USB2250 MICROCHIP-USB2250 Datasheet
472Kb / 43P
Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
07/14/15
USB224X MICROCHIP-USB224X Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
USB82642 MICROCHIP-USB82642 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
USB2640I MICROCHIP-USB2640I Datasheet
663Kb / 59P
Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com