Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX30002 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX30002 Datasheet HTML 6Page - Maxim Integrated Products MAX30002 Datasheet HTML 7Page - Maxim Integrated Products MAX30002 Datasheet HTML 8Page - Maxim Integrated Products MAX30002 Datasheet HTML 9Page - Maxim Integrated Products MAX30002 Datasheet HTML 10Page - Maxim Integrated Products MAX30002 Datasheet HTML 11Page - Maxim Integrated Products MAX30002 Datasheet HTML 12Page - Maxim Integrated Products MAX30002 Datasheet HTML 13Page - Maxim Integrated Products MAX30002 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
(VDVDD = VAVDD = 1.8V, VOVDD = 2.5V, TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics (continued)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
10
20
30
40
50
60
70
TEMPERATURE (
°C)
AVDD SHUTDOWN CURRENT
VAVDD = +2.0V
VAVDD = +1.8V
VAVDD = +1.1V
VAVDD = +1.5V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
10
20
30
40
50
60
70
TEMPERATURE (
°C)
OVDD SHUTDOWN CURRENT
VOVDD = +2.0V
VOVDD = +1.8V
VOVDD = +1.1V
VOVDD = +1.5V
100
110
120
130
140
150
160
170
180
190
200
0
10
20
30
40
50
60
70
TEMPERATURE (°C)
AVDD AND DVDD SUPPLY CURRENT
vs. TEMPERATURE
(BIOZ ENABLED, LN_BIOZ = 0)
1.1V
1.8V
2.0V
IDRV = 32
∝A
0
0.2
0.4
0.6
0.8
1
1.2
0
10
20
30
40
50
60
70
TEMPERATURE (°C)
AVDD AND DVDD ULP CURRENT
vs. TEMPERATURE
1.1V
1.5V
2.0V
1.8V
1.8V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0
10
20
30
40
50
60
70
TEMPERATURE (
°C)
DVDD SHUTDOWN CURRENT
VDVDD = +2.0V
VDVDD = +1.8V
VDVDD = +1.1V
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE
Maxim Integrated │ 10
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com