Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX30002 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX30002 Datasheet HTML 1Page - Maxim Integrated Products MAX30002 Datasheet HTML 2Page - Maxim Integrated Products MAX30002 Datasheet HTML 3Page - Maxim Integrated Products MAX30002 Datasheet HTML 4Page - Maxim Integrated Products MAX30002 Datasheet HTML 5Page - Maxim Integrated Products MAX30002 Datasheet HTML 6Page - Maxim Integrated Products MAX30002 Datasheet HTML 7Page - Maxim Integrated Products MAX30002 Datasheet HTML 8Page - Maxim Integrated Products MAX30002 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
(VDVDD = VAVDD = +1.1V to +2.0V, VOVDD = +1.65V to +3.6V, fFCLK = 32.768kHz, LN_BIOZ = 1, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at VDVDD = VAVDD = +1.8V, VOVDD = +2.5V, TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC Resolution
20
Bits
Input Referred Noise
(BIP, BIN)
BW = 0.05 to 4Hz, Gain = 20x
0.16
μVRMS
BW = 0.05 to 4Hz, Gain = 20x
1.1
μVP-P
Impedance Resolution
DC to 4Hz, 32µAP-P, 40kHz, Gain = 20x,
RBODY = 680Ω
40
P-P
Input Analog High Pass Filter
Programmable, see Register Map
125 to
7200
Hz
Demodulation Phase Range
Programmable, see Register Map
0-180
°
Demodulation Phase
Resolution
Programmable, see Register Map
11.25
°
Output Digital Low Pass Filter
DLPF[1:0] = 01
4
Hz
DLPF[1:0] = 10
8
DLPF[1:0] = 11
16
Output Digital High Pass Filter
DHPF[1:0] = 01
0.05
Hz
DHPF[1:0] = 1x
0.5
BIOIMPEDANCE (BIOZ) INPUT MUX
DC Lead Off Check
IMAG[2:0] = 001
5
nA
IMAG[2:0] = 010
10
IMAG[2:0] = 011
20
IMAG[2:0] = 100
50
IMAG[2:0] = 101
100
DC Lead Off Comparator Low
Threshold
VTH[1:0] = 11 (Note 4)
VMID
0.50
V
VTH[1:0] = 10 (Note 5)
VMID
0.45
VTH[1:0] = 01 (Note 6)
VMID
0.40
VTH[1:0] = 00
VMID
0.30
DC Lead Off Comparator High
Threshold
VTH[1:0] = 11 (Note 4)
VMID + 0.50
V
VTH[1:0] = 10 (Note 5)
VMID + 0.45
VTH[1:0] = 01 (Note 6)
VMID + 0.40
VTH[1:0] = 00
VMID + 0.30
Lead Bias Impedance
Lead bias enabled, RBIASV[1:0] = 00
50
Lead bias enabled, RBIASV[1:0] = 01
100
Lead bias enabled, RBIASV[1:0] = 10
200
Lead Bias Voltage
Lead bias enabled. Programmable,
see Register Map
VAVDD/
2.15
V
Electrical Characteristics (continued)
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com