Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX30002 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX30002 Datasheet HTML 1Page - Maxim Integrated Products MAX30002 Datasheet HTML 2Page - Maxim Integrated Products MAX30002 Datasheet HTML 3Page - Maxim Integrated Products MAX30002 Datasheet HTML 4Page - Maxim Integrated Products MAX30002 Datasheet HTML 5Page - Maxim Integrated Products MAX30002 Datasheet HTML 6Page - Maxim Integrated Products MAX30002 Datasheet HTML 7Page - Maxim Integrated Products MAX30002 Datasheet HTML 8Page - Maxim Integrated Products MAX30002 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
19-100289; Rev 0, 3/18
General Description
The MAX30002 is a complete bioimpedance (BioZ),
analog front-end (AFE) solution for wearable applications.
It offers high performance for clinical and fitness
applications, with ultra-low-power for long battery life. The
MAX30002 is a single bioimpedance channel capable of
measuring respiration.
The bioimpedance channel has ESD protection, EMI
filtering, internal lead biasing, DC leads-off detection,
ultra-low-power leads-on detection during standby mode,
and a programmable resistive load for built-in self-test.
Soft power-up sequencing ensures no large transients
are injected into the electrodes. The channel also has
high input impedance, low noise, high CMRR, program-
mable gain, various low-pass and high-pass filter options,
and a high resolution analog-to-digital converter. The
bioimpedance channel includes integrated programmable
current drive, works with common electrodes, and has the
flexibility for 2 or 4 electrode measurements. It also has
AC lead off detection.
The MAX30002 is available in a 28-pin TQFN and
30-bump wafer-level package (WLP), operating over the
0°C to +70°C commercial temperature range.
Applications
● Single-Lead Wireless Patches for
In-Patient/Out-Patient Monitoring
● Respiration and Hydration Monitors
● Impedance Based Heart Rate Detection
Benefits and Features
● BioZ AFE with High Resolution Data Converter
• 17 Bits ENOB with 1.1µVP-P Noise for BioZ
● High AC Dynamic Range of 90mVP-P Will Help
Prevent Saturation in the Presence of Motion/Direct
Electrode Hits
● Longer Battery Life Compared to Competing Solutions
• 158µW at 1.1V Supply Voltage
● Leads-On Interrupt Feature Allows to Keep µC in
Deep Sleep Mode Until Valid Lead Condition is
Detected
• Lead-On Detect Current: 0.63µA (typ)
● High Accuracy Allows for More Physiological Data
Extractions
● 8-Word FIFO Allows the MCU to Stay Powered Down
for 256ms with Full Data Acquisition
● High-Speed SPI Interface
● Shutdown Current of 0.58µA (typ)
Ordering Information appears at end of data sheet.
Click
here for production status of specific part numbers.
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE


Similar Part No. - MAX30002

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000 MAXIM-MAX3000 Datasheet
422Kb / 24P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 86P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection)
Rev 1, 9/17
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 87P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30001CWV+ MAXIM-MAX30001CWV+ Datasheet
2Mb / 87P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30001CWV+T MAXIM-MAX30001CWV+T Datasheet
2Mb / 87P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
More results

Similar Description - MAX30002

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3180_0912 MAXIM-MAXQ3180_0912 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 3; 12/09
logo
Texas Instruments
AFE4404 TI1-AFE4404 Datasheet
1Mb / 83P
Ultra-Small, Integrated AFE
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
AFE4900 TI1-AFE4900 Datasheet
685Kb / 10P
Ultra-Low Power, Integrated AFE for Wearable Optical, Electrical Bio-Sensing With FIFO
logo
Maxim Integrated Produc...
MAX30003 MAXIM-MAX30003 Datasheet
2Mb / 46P
Ultra-Low Power, Single-Channel Integrated
Rev 1; 11/16
MAX30001 MAXIM-MAX30001_V01 Datasheet
2Mb / 87P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30003 MAXIM-MAX30003_V01 Datasheet
2Mb / 46P
Ultra-Low Power, Single-Channel Integrated Biopotential (ECG, R-to-R Detection) AFE
19-8558; Rev 3; 9/21
MAX30004 MAXIM-MAX30004 Datasheet
3Mb / 39P
Ultra-Low Power, Single-Channel Integrated Biopotential (R-to-R Detection) AFE
19-8732; Rev 0; 12/16
logo
Texas Instruments
AFE4460 TI-AFE4460 Datasheet
688Kb / 11P
AFE4460 Ultra-Small, Integrated AFE for Optical Bio-Sensing
JUNE 2022
AFE4432 TI-AFE4432 Datasheet
714Kb / 11P
AFE4432 Ultra-Small, Integrated AFE for Optical Bio-Sensing
AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com