Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX30002 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX30002 Datasheet HTML 9Page - Maxim Integrated Products MAX30002 Datasheet HTML 10Page - Maxim Integrated Products MAX30002 Datasheet HTML 11Page - Maxim Integrated Products MAX30002 Datasheet HTML 12Page - Maxim Integrated Products MAX30002 Datasheet HTML 13Page - Maxim Integrated Products MAX30002 Datasheet HTML 14Page - Maxim Integrated Products MAX30002 Datasheet HTML 15Page - Maxim Integrated Products MAX30002 Datasheet HTML 16Page - Maxim Integrated Products MAX30002 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Detailed Description
BioZ Channel
Figure 2 illustrates the BioZ channel block diagram,
excluding the ADC. The channel comprises an input
MUX, a programmable analog high-pass filter, an
instrumentation amplifier, a mixer, an anti-alias filter,
and a programmable gain amplifier. The MUX includes
several features such as ESD protection, EMI filtering,
lead biasing, leads off checking, and ultra-low-power
leads-on checking. The output of this analog channel
drives a high-resolution ADC.
Input MUX
The BioZ input MUX shown in Figure 3 contains integrated
ESD and EMI protection, DC leads off detect current
sources and comparators, lead-on detect, series isolation
switches, lead biasing, and a built-in programmable
resistor load, for self test.
EMI Filtering and ESD Protection
EMI filtering of the BIP and BIN inputs consists of a single
pole, low pass, differential, and common mode filter with
the pole located at approximately 2MHz. The BIP and BIN
inputs also have input clamps that protect the inputs from
ESD events. The DRVP and DRVN outputs also feature
ESD protection.
● ±8kV using the Contact Discharge method specified
in IEC61000-4-2 ESD.
● ±15kV using the Air Gap Discharge method specified
in IEC61000-4-2 ESD.
● ±8kV HMM
For IEC61000-4-2 ESD protection, use 1kΩ or larger
series resistors on BIP, BIN, DRVP, and DRVN that are
rated to withstand the appropriate surge voltages.
Figure 2. BioZ Channel Input Amplifier, Mixer, and PGA Excluding the ADC and Current Drive Output
ESD, EMI,
INPUT MUX,
DC LEAD
CHECK
INPUT
AMP
AAF
BIP
BIN
DRVP
DRVN
PGA
PUSH/PULL
CURRENT
SOURCE
HPF
-20dB/dec
f-3dB
=600Hz
-40dB/dec
SELECTABLE PHASE
MAX30002
PCB
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com