Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX30002 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX30002 Datasheet HTML 1Page - Maxim Integrated Products MAX30002 Datasheet HTML 2Page - Maxim Integrated Products MAX30002 Datasheet HTML 3Page - Maxim Integrated Products MAX30002 Datasheet HTML 4Page - Maxim Integrated Products MAX30002 Datasheet HTML 5Page - Maxim Integrated Products MAX30002 Datasheet HTML 6Page - Maxim Integrated Products MAX30002 Datasheet HTML 7Page - Maxim Integrated Products MAX30002 Datasheet HTML 8Page - Maxim Integrated Products MAX30002 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
AVDD to AGND ....................................................-0.3V to +2.0V
DVDD to DGND....................................................-0.3V to +2.0V
AVDD to DVDD ....................................................-0.3V to +0.3V
OVDD to DGND ...................................................-0.3V to +3.6V
AGND to DGND ...................................................-0.3V to +0.3V
CSB, SCLK, SDI, FCLK to DGND .......................-0.3V to +3.6V
SDO, INTB, INT2B
to DGND........ -0.3V to the lower of (3.6V and OVDD + 0.3V)
All Other Pins
to AGND ......... -0.3V to the lower of (2.0V and AVDD + 0.3V)
Maximum Current into Any Pin.........................................±50mA
Continuous Power Dissipation (TA = +70ºC)
28-Pin TQFN
(derate 34.5mW/ºC above +70ºC)..........................2758.6mW
30-Bump WLP
(derate 24.3mW/ºC above +70ºC)..........................1945.5mW
Operating Temperature Range...............................0ºC to +70°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (Soldering, 10sec).............................+300°C
Soldering Temperature (reflow).......................................+260°C
TQFN
Junction-to-Ambient Thermal Resistance (θJA) ..........29°C/W
Junction-to-Case Thermal Resistance (θJC).................2°C/W
WLP
Junction-to-Ambient Thermal Resistance (θJA) ..........44°C/W
(Note 1)
(VDVDD = VAVDD = +1.1V to +2.0V, VOVDD = +1.65V to +3.6V, fFCLK = 32.768kHz, LN_BIOZ = 1, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at VDVDD = VAVDD = +1.8V, VOVDD = +2.5V, TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BIOIMPEDANCE (BIOZ) CHANNEL
Signal Generator Resolution
Square wave generator
1
Bits
DRVP/N Injected Full-Scale
Current
Programmable, see Register Map
8 to 96
μAP-P
DRVP/N Injected Current
Accuracy
Internal bias resistor
-30
+30
%
External bias resistor (0.1%, 10ppm, 324kΩ)
-10
+10
DRVP/N Injected Current
Power Supply Rejection
<±1
%/V
DRVP/N Injected Current
Temperatue Coefficient
External bias resistor, 32μAP-P, 0 to 70ºC
(0.1%, 10ppm, 324kΩ)
50
ppm/°C
DRVP/N Compliance Voltage
VDRVP - VDRVN
±(VAVDD-
0.5)
VP-P
Current Injection Frequency
Programmable, see Register Map
0.125 to
131.072
kHz
AC Differential Input Range
Shift from nominal gain < 1% (1.1V)
25
mV
Shift from nominal gain < 1% (1.8V)
90
BioZ Channel Gain
Programmable, see Register Map
10 to 80
V/V
ADC Sample Rate
Programmable, see Register Map
24.98 to
64
sps
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE
www.maximintegrated.com
Maxim Integrated │ 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com