Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX30002 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX30002 Datasheet HTML 35Page - Maxim Integrated Products MAX30002 Datasheet HTML 36Page - Maxim Integrated Products MAX30002 Datasheet HTML 37Page - Maxim Integrated Products MAX30002 Datasheet HTML 38Page - Maxim Integrated Products MAX30002 Datasheet HTML 39Page - Maxim Integrated Products MAX30002 Datasheet HTML 40Page - Maxim Integrated Products MAX30002 Datasheet HTML 41Page - Maxim Integrated Products MAX30002 Datasheet HTML 42Page - Maxim Integrated Products MAX30002 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
BIOZ FIFO Memory (8 Words x 24 Bits)
The BIOZ FIFO memory is a standard circular FIFO
consisting of 8 words, each with 24 bits of information.
The BIOZ FIFO is independently managed by internal
read and write pointers. The read pointer is updated in
response to the 32nd SCLK rising edge in a normal mode
read back transaction and on the (32 + n x 24)th SCLK
rising edge(s) in a burst mode transaction where n = 0 to
up to 31. Once a FIFO sample is marked as read, it can-
not be accessed again.
The write pointer is governed internally. To aide data
management and reduce µC overhead, the device pro-
vides a user-programmable BIOZ FIFO Interrupt Threshold
(BFIT[2:0]) governing the BIOZ Interrupt bit (BINT). This
threshold can be programmed with values from 1 to 8, rep-
resenting the number of unread BIOZ FIFO entries required
before the BINT bit will be asserted, alerting the µC that
there is a significant amount of data in the BIOZ FIFO ready
for read back (see MNGR_INT (0x04) for details).
If the write pointer ever traverses the entire FIFO array
and catches up to the read pointer (due to failure of the
µC to read/maintain FIFO data), a FIFO overflow will
occur and data will be corrupted. The BOVF STATUS
and tag bits will indicate this condition and the FIFO
should be cleared before continuing measurements using
either a SYNCH or FIFO_RST command—note overflow
events will result in the loss of samples and thus timing
information, so these conditions should not occur in well-
designed applications.
Do not read beyond the last valid FIFO word to prevent
possible data corruption.
BIOZ FIFO Data Structure
The data portion of the word contains the 20-bit BIOZ volt-
age information measured at the requested sample rate
in left justified two’s complement format. One bit is set to
0 and the remaining three bits of data hold important data
tagging information (see details in Table 30).
Table 30. BIOZ FIFO BIOZ Data Tags (BTAG[2:0] = D[2:0])
BTAG [2:0]
DESCRIPTION
RECOMMENDED USER ACTION
DATA
VALID
TIME
VALID
000
Valid Sample
Log sample into BIOZ record and increment the time
step. Continue to read data from the BIOZ FIFO.
Yes
Yes
001
Over/Under Range Sample
Log sample into BIOZ record and increment the
time step. Determine if the data is valid or a lead off
condition. Continue to read data from the BIOZ FIFO.
?
Yes
010
Last Valid Sample
(EOF)
Log sample into BIOZ record and increment the time
step. Suspend read of the BIOZ FIFO until more
samples are available.
Yes
Yes
011
Last Over/Under Range
Sample (EOF)
Log sample into BIOZ record and increment the
time step. Determine if the data is valid or a lead off
condition. Suspend read of the BIOZ FIFO until more
samples are available.
?
Yes
10x
Unused
-
-
-
110
FIFO Empty
(exception)
Discard this sample without incrementing the time
base. Suspend read of the BIOZ FIFO until more
samples are available.
No
No
111
FIFO Overflow
(exception)
Discard this sample without incrementing the time
base. Issue a FIFO_RST command to clear the FIFOs
or re-SYNCH if necessary. Note the corresponding
halt and resumption in all the FIFOs.
No
No
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE
www.maximintegrated.com
Maxim Integrated │ 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com