Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1933 Datasheet(PDF) 2 Page - Microchip Technology

Part # PAC1933
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1933 Datasheet(HTML) 2 Page - Microchip Technology

  PAC1933 Datasheet HTML 1Page - Microchip Technology PAC1933 Datasheet HTML 2Page - Microchip Technology PAC1933 Datasheet HTML 3Page - Microchip Technology PAC1933 Datasheet HTML 4Page - Microchip Technology PAC1933 Datasheet HTML 5Page - Microchip Technology PAC1933 Datasheet HTML 6Page - Microchip Technology PAC1933 Datasheet HTML 7Page - Microchip Technology PAC1933 Datasheet HTML 8Page - Microchip Technology PAC1933 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 2
 2017-2019 Microchip Technology Inc.
Package Types
Device Block Diagram
PAC1931/2/3/4 – Top View
2.225 × 2.17 mm WLCSP
A
B
C
D
12
3
4
SENSE1+
SENSE1-
SENSE2+
SENSE2-
SENSE3+
SENSE3-
SENSE4+
SENSE4-
GND
SM_DATA
SM_CLK
VDD
VDD I/O
ADDRSEL
PWRDN
SLOW/ALERT
PAC1932/3/4 – Top View
4×4 × 0.5mm UQFN*
*Includes Exposed Thermal Pad; see Table 3-1.
GND
SENSE1+
SENSE1-
SM_CLK
1
2
3
4
Exposed pad
VDD
12
11
10
9
SLOW/ALERT
SENSE4+
SENSE4-
VDD
GND
VDD I/O
ADDRS EL
SLO W/ALE RT
Accumlato r
Differen tia l
VSENS E
Amplifier
VBUS
Buffer/
Divi der
SM_CLK
SM_DATA
PWRDN
ADC/MUX Clocking &
Control
VBUS
Registe rs
VSENS E
Registe rs
VPOWE R
Registe rs
Accumulator
Registe rs
Control
Registe rs
Calculation
and
Calibra tion
16-bit
ADC
16-bit
ADC
Resistor
Decoder
SENSE 1+
SENSE 1-
SENSE 2+
SENSE 2-
SENSE 3+
SENSE 3-
SENSE 4+
SENSE 4-
VBUS1
VBUS2
High
Voltage
MUX
VBUS4
Sen se1+
Sen se2+
Sen se1-
Sen se2-
Sen se3+
Sen se3-
Sen se4+
Sen se4-
VBUS3
Note:
For PAC1931, channels 2, 3 and 4 are inactive.
For PAC1932, channels 3 and 4 are inactive.
For PAC1933, channel 4 is inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com