Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1933 Datasheet(PDF) 36 Page - Microchip Technology

Part # PAC1933
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1933 Datasheet(HTML) 36 Page - Microchip Technology

Back Button PAC1933 Datasheet HTML 32Page - Microchip Technology PAC1933 Datasheet HTML 33Page - Microchip Technology PAC1933 Datasheet HTML 34Page - Microchip Technology PAC1933 Datasheet HTML 35Page - Microchip Technology PAC1933 Datasheet HTML 36Page - Microchip Technology PAC1933 Datasheet HTML 37Page - Microchip Technology PAC1933 Datasheet HTML 38Page - Microchip Technology PAC1933 Datasheet HTML 39Page - Microchip Technology PAC1933 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 36
 2017-2019 Microchip Technology Inc.
bit 4
SING: setting this bit to 1 puts the device in Single-shot mode. After writing this bit and sending a
REFRESH command, the device resets the accumulators and performs one conversion cycle for any
and all active channels, then returns to sleep mode. Another REFRESH command, without changing
this bit, will perform another single-shot command. When the bit is cleared, sending a REFRESH
command resets the accumulators and causes the device to start converting in the sequential scan
mode for active channels. A REFRESH_V command may be used instead of REFRESH to move in and
out of Single Shot mode without resetting the accumulators and accumulator count.
0 = Sequential scan mode
1 = Single-shot mode
bit 3
ALERT_PIN: setting this bit to 1 causes the SLOW pin to function as an ALERT pin (active low output
pin). If this bit is set to 1, the ALERT pin can be triggered by conversion complete if bit 2 is set.
If this bit is set to 1, and the Overflow ALERT enable bit is set to 1, the ALERT pin will be triggered by
accumulator or accumulator count overflow (see bit 1 and bit 0 descriptions directly below).
Note that bit 3 only determines the functionality of this pin, SLOW or ALERT, it does not influence the
ALERT functionality. If there is a pull-up resistor connected to the pin for ALERT functionality, the device
will initially power-up in SLOW mode. Once bit 3 is set to enable ALERT functionality, the conversion
rate will change to either the default or programmed value.
0 = Disable the ALERT pin function
1 = Enable the ALERT pin function
bit 2
ALERT_CC: setting this bit to 1 causes the ALERT pin to be asserted for 5 μS at the end of each
conversion cycle.
0 = No ALERT on Conversion Cycle Complete
1 = ALERT function asserted for 5 μS on each completion of the conversion cycle
Note:
If this bit and the OVF ALERT bit are set, OVF ALERT dominates. EOC alerts will not be
seen on the ALERT pin if OVF ALERT = 1.
bit 1
OVF ALERT: Overflow ALERT enable. If this bit is set and any of the accumulators or the accumulator
counter overflow, the ALERT function will be triggered. This will be reflected in bit 0 of this register, and
if bit 3 is set to 1, the ALERT pin will be triggered (sent low).
The ALERT function is cleared by REFRESH or REFRESH_G.
0 = no ALERT if accumulator or accumulator counter overflow has occurred.
1 = ALERT pin triggered if accumulator or accumulator counter has overflowed
If this bit and the ALERT_CC bit are set, OVF ALERT dominates. EOC alerts will not be seen on the
ALERT pin if OVF ALERT =1.
bit 0
OVF: Overflow indication status bit, this bit will be set to 1 if any of the accumulators or the accumulator
counter overflows.This bit is by cleared REFRESH or REFRESH_G. These commands also clear the
ALERT function.
0 = no accumulator or accumulator counter overflow has occurred
1 = accumulator or accumulator counter has overflowed
REGISTER 6-2:
CTRL REGISTER (ADDRESS 01H) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com