Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1933 Datasheet(PDF) 7 Page - Microchip Technology

Part # PAC1933
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1933 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PAC1933 Datasheet HTML 3Page - Microchip Technology PAC1933 Datasheet HTML 4Page - Microchip Technology PAC1933 Datasheet HTML 5Page - Microchip Technology PAC1933 Datasheet HTML 6Page - Microchip Technology PAC1933 Datasheet HTML 7Page - Microchip Technology PAC1933 Datasheet HTML 8Page - Microchip Technology PAC1933 Datasheet HTML 9Page - Microchip Technology PAC1933 Datasheet HTML 10Page - Microchip Technology PAC1933 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 7
PAC1931/2/3/4
FIGURE 1-1:
SMBus Timing.
TABLE 1-2:
SMBUS MODULE SPECIFICATIONS
Electrical Characteristics: Unless otherwise specified, maximum values are at TA = -40°C to +85°C,
VDD = 2.7V to 5.5V, VBUS = 0V to 32V; Typical values are at TA = +25°C, VDD = 3.3V, VBUS = 32V,
VSENSE = (SENSE+ – SENSE-) = 0V, VDD I/O = 1.62V to 5.5V
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
SMBus Interface
Input Capacitance
CIN
—
4
10
pF
Not tested in production
SMBus Timing
Clock Frequency
fSMB
.010
—
1
MHz
No minimum if Time-Out is not
enabled
Spike Suppression
tSP
0
—
50
ns
Bus Free Time Stop to
Start
tBUF
0.5
—
—
µs
Per SMBus 3.0
Hold Time after
Repeated Start
Condition
tHD:STA
0.26
—
—
µs
Per SMBus 3.0
Repeated Start
Condition Setup Time
tSU:STA
0.26
—
—
µs
Per SMBus 3.0
Setup Time: Stop
tSU:STO
0.26
—
—
µs
Per SMBus 3.0
Setup Time: Start
tSU:STA
0.26
—
—
µs
Data Hold Time
tHD:DAT
0—
—
µs
Data Setup Time
tSU:DAT
50
—
—
ns
Per SMBus 3.0 (Note)
Clock Low Period
tLOW
0.5
—
—
µs
Per SMBus 3.0
Clock High Period
tHIGH
0.26
—
50
µs
Clock/Data Fall Time
tFALL
—
—
120
ns
Not tested in production
Clock/Data Rise Time
tRISE
—
—
120
ns
Not tested in production
Capacitive Load
CLOAD
—
—
550
pF
Per bus line,
CLOAD not tested in production
SLOW Pin Pulse Width
SLOWpw
—
100
—
µs
Pulses narrower than 100 µS
may not be detected
Note:
A device must internally provide a hold time of at least 300 ns for the SM_DATA signal (with respect to the
VIH(min) of the SM_CLK signal) to bridge the undefined region of the falling edge of SM_CLK.
SMDATA
SMCLK
TLOW
TRISE
THIGH
TFALL
TBUF
THD:STA
P
S
S - Start Condition
P - Stop Condition
THD:DAT
TSU:DA
T
TSU:STA
THD:STA
P
TSU:STO
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com