Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1933 Datasheet(PDF) 16 Page - Microchip Technology

Part # PAC1933
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1933 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PAC1933 Datasheet HTML 12Page - Microchip Technology PAC1933 Datasheet HTML 13Page - Microchip Technology PAC1933 Datasheet HTML 14Page - Microchip Technology PAC1933 Datasheet HTML 15Page - Microchip Technology PAC1933 Datasheet HTML 16Page - Microchip Technology PAC1933 Datasheet HTML 17Page - Microchip Technology PAC1933 Datasheet HTML 18Page - Microchip Technology PAC1933 Datasheet HTML 19Page - Microchip Technology PAC1933 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 16
 2017-2019 Microchip Technology Inc.
4.0
GENERAL DESCRIPTION
The PAC1934 is a four-channel, bidirectional, high-side
current-sensing
device
with
precision
voltage
measurement capabilities, DSP for power calculation
and a power accumulator. PAC1931, PAC1932 and
PAC1933 are one, two and three-channel versions of
the PAC1934. These devices measure the voltage
developed across an external sense resistor (VSENSE)
to represent the high-side current of a battery or
voltage regulator. The PAC1931/2/3/4 also measures
the SENSE+ pin voltages (VBUS). Both VBUS and
VSENSE are converted to digital results by a 16-bit ADC,
and the digital results are multiplied to give VPOWER.
The VPOWER results are accumulated on-chip, which
enables energy measurement over the accumulation
period.
The PAC1931/2/3/4 has an I2C/SMBus interface for
digital control and reading results. It also has digital
supply reference VDD I/O that is to be connected to the
same supply as the digital master for the I2C/SMBUS,
enabling digital I/O voltages as low as 1.62V.
A system diagram is shown in Figure 4-1.
FIGURE 4-1:
PAC1931/2/3/4 System Diagram.
Note:
VDD and VDD I/O may be connected together.
PAC1934
System
Master
SM_DATA
SM_CLK
VSOURCE 0V – 32V
Sense
Resistors
VDD
1.62V to 5.5V
Digital Supply
GND
2.7V to 5.5V
VSOURCE 0V – 32V
VSOURCE 0V – 32V
VSOURCE 0V – 32V
Load
Load
Load
Load
SLOW
PWRDN
ADDRSEL
VDD I/O
PAC193X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com