Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1933 Datasheet(PDF) 1 Page - Microchip Technology

Part # PAC1933
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1933 Datasheet(HTML) 1 Page - Microchip Technology

  PAC1933 Datasheet HTML 1Page - Microchip Technology PAC1933 Datasheet HTML 2Page - Microchip Technology PAC1933 Datasheet HTML 3Page - Microchip Technology PAC1933 Datasheet HTML 4Page - Microchip Technology PAC1933 Datasheet HTML 5Page - Microchip Technology PAC1933 Datasheet HTML 6Page - Microchip Technology PAC1933 Datasheet HTML 7Page - Microchip Technology PAC1933 Datasheet HTML 8Page - Microchip Technology PAC1933 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 1
PAC1931/2/3/4
Features
• High-Side Current Monitor with One, Two, Three
or Four Channels
- 100 mV full-scale range for current sense
voltage,16-bit resolution
- Selectable bidirectional current sense
capability, -100 mV to +100 mV range, 16-bit
two’s complement (signed) data format
- External sense resistor sets full scale current
range
- Very low input current simplifies routing
• Wide Bus Voltage Range for Voltage Monitor
- 0V to 32V input common-mode voltage
- 16-bit resolution for voltage measurements;
14 bits are used for power calculations
• Real Time Auto-Calibration of Offset and Gain
Errors for Voltage and Current, No User
Adjustment Required
• 1% Power Measurement Accuracy over a Wide
Dynamic Range
• On-Chip Accumulation of 28-bit Power Results for
Energy Measurement
- 48-bit power accumulator register for
recording accumulated power data
- 24-bit Accumulator Count
- User programmable sampling rates of 8, 64,
256 and 1024 samples per second
- 17 minutes of power data accumulation
minimum at 1024 S/s
- Over 36 hours of power data accumulation
minimum at 8 S/s
• 2.7V to 5.5V Supply Operation
- Separate VDD I/O pin for digital I/O
- 1.62-5.5V capable SMBus and digital I/O
- SMBus 3.0 and I2C Fast Mode Plus (1 Mb/S)
• SMBus Address – 16 Options, set with Resistor
• No Input Filters Required
• ALERT Features that can be Enabled:
- ALERT on accumulator overflow
- ALERT on Conversion Complete
• 4 ×4 ×0.5 mm UQFN Package
• 2.225 × 2.17 mm WLCSP Package
Applications
• Embedded Computing
•Networking
• FPGA Systems
• Automotive
• Low Voltage/High Power – AI, GPU
• Industrial
•Linux® Applications
• Notebook and Tablet Computing
• Cloud, Linux and Server Computing
• Optical Networking Modules
Computing Platform Support
•Windows® 10 Driver
• Linux Driver
• Python™ Script
Description
The PAC1931/2/3/4 are one, two, three and
four-channel power and energy monitoring devices. A
high-voltage multiplexer sequentially connects the
inputs to a bus voltage monitor and current sense
amplifier that feed high-resolution ADCs. Digital
circuitry performs power calculations and energy
accumulation.
This enables energy monitoring with integration
periods from 1 ms up to 36 hours or longer. Bus
voltage, sense resistor voltage and accumulated
proportional power are stored in registers for retrieval
by the system master or Embedded Controller.
The sampling rate and energy integration period can be
controlled over SMBus or I2C. Active channel selection,
one-shot measurements and other controls are also
configurable by SMBus or I2C.
The PAC1931/2/3/4 device family uses real time
calibration to minimize offset and gain errors. No input
filters are required for this device.
Single/Multi-Channel DC Power/Energy Monitor
with Accumulator


Similar Part No. - PAC1933

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PAC1933T-I/JQ. MICROCHIP-PAC1933T-I/JQ. Datasheet
1Mb / 62P
Multi-Channel DC Power/Energy Monitor with Accumulator
10/25/17
More results

Similar Description - PAC1933

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2741 MAXIM-DS2741 Datasheet
176Kb / 9P
Current Monitor and Accumulator with Integrated Sense Resistor
Rev 0; 8/08
DS2741 MAXIM-DS2741_09 Datasheet
175Kb / 10P
Current Monitor and Accumulator with Integrated Sense Resistor
Rev 1; 7/09
logo
STMicroelectronics
UM0402 STMICROELECTRONICS-UM0402 Datasheet
593Kb / 35P
Single-phase multi-tariff energy meter
17-Apr-2007
logo
Microchip Technology
MCP39F521 MICROCHIP-MCP39F521 Datasheet
1,001Kb / 52P
I2C Power Monitor with Calculation and Energy Accumulation
07/14/15
logo
Linear Technology
LTC2947 LINER-LTC2947 Datasheet
3Mb / 30P
30A Power/Energy Monitor with Integrated Sense Resistor
logo
Analog Devices
LTC2947-65 AD-LTC2947-65 Datasheet
307Kb / 42P
65A Power/Energy Monitor with Integrated Sense Resistor
logo
Schneider Electric
WISEREMPV SCHNEIDER-WISEREMPV Datasheet
81Kb / 1P
WISER ENERGY MONITOR PV
Apr 6, 2020
logo
Analog Devices
LTC4284 AD-LTC4284 Datasheet
3Mb / 82P
High Power Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
logo
Microchip Technology
PAC194X MICROCHIP-PAC194X Datasheet
1Mb / 96P
Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
Revision A June 2021
logo
NHP Electrical Engineer...
1420-V1-ENT NHP-1420-V1-ENT Datasheet
812Kb / 2P
PM500 ENERGY METER POWER MONITOR WITH ETHERNET/IP
8 June 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com