Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1933 Datasheet(PDF) 30 Page - Microchip Technology

Part # PAC1933
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1933 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PAC1933 Datasheet HTML 26Page - Microchip Technology PAC1933 Datasheet HTML 27Page - Microchip Technology PAC1933 Datasheet HTML 28Page - Microchip Technology PAC1933 Datasheet HTML 29Page - Microchip Technology PAC1933 Datasheet HTML 30Page - Microchip Technology PAC1933 Datasheet HTML 31Page - Microchip Technology PAC1933 Datasheet HTML 32Page - Microchip Technology PAC1933 Datasheet HTML 33Page - Microchip Technology PAC1933 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 30
 2017-2019 Microchip Technology Inc.
5.6.4
READ BYTE
The Read Byte protocol is used to read one byte of data
from the registers, as shown in Table 5-6.
If an invalid register address is specified, the slave will
ACK its address but NACK (not acknowledge) the
register address.
The master will NACK the data received from the slave
by holding the SMBus data line high after the eighth
data bit has been sent.
5.6.5
SEND BYTE
The Send Byte protocol is used to set the internal
address register pointer to the correct address location.
No data is transferred during the Send Byte protocol,
as shown in Table 5-7.
5.6.6
RECEIVE BYTE
The Receive Byte protocol is used to read data from a
register when the internal register address pointer is
known to be at the right location (e.g., set via Send
Byte). This is shown in Table 5-8.
When an ACK is received after the REGISTER DATA,
then the address pointer automatically increments.
When a NACK is received after the REGISTER DATA,
then the address pointer stays at the same position.
If the master wishes to continue clocking and read the
next register, the master will ACK after the register
data, instead of sending NACK followed by STOP.
If some channels are deactivated, their data registers
will be skipped by the auto-incrementing pointer.
Alternatively, you may set bit 0 in Register 6-10
CHANNEL_DIS and SMBus (Address 1Ch) and the
pointer will not skip the addresses associated with the
inactive channels. The measurement data for these
inactive channels will read FFh.
TABLE 5-6:
READ BYTE PROTOCOL
START
Slave
Address
WR
ACK
Register
Address
ACK
START Slave Address
RD
ACK
Register Data
NACK
STOP
1
 0
YYYY_YYY
0
0
XXh
0
1
 0
YYYY_YYY
1
0
XXh
1
0
 1
TABLE 5-7:
SEND BYTE PROTOCOL
START
Slave Address
WR
ACK
Register Address
ACK
STOP
1
 0
YYYY_YYY
0
0
XXh
0
0
 1
TABLE 5-8:
RECEIVE BYTE PROTOCOL
START
Slave Address
RD
ACK
Register Data
NACK
STOP
1
 0
YYYY_YYY
1
0
XXh
1
0
 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com