Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP50R12W2T7 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # FP50R12W2T7
Description  EasyPIM??Modul mit TRENCHSTOP??IGBT7 und Emitter Controlled 7 Diode und NTC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP50R12W2T7 Datasheet(HTML) 3 Page - Infineon Technologies AG

  FP50R12W2T7 Datasheet HTML 1Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 2Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 3Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 4Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 5Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 6Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 7Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 8Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Datasheet
3
V2.0
2020-05-08
FP50R12W2T7
VorläufigeDaten
PreliminaryData
Diode,Wechselrichter/Diode,Inverter
HöchstzulässigeWerte/MaximumRatedValues
PeriodischeSpitzensperrspannung
Repetitivepeakreversevoltage
Tvj = 25°C
VRRM

1200
 V
Dauergleichstrom
ContinuousDCforwardcurrent
IF

50
 A
PeriodischerSpitzenstrom
Repetitivepeakforwardcurrent
tP = 1 ms
IFRM

100
 A
Grenzlastintegral
I²t-value
VR = 0 V, tP = 10 ms, Tvj = 125°C
VR = 0 V, tP = 10 ms, Tvj = 175°C
I²t

300
250
 A²s
A²s
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Durchlassspannung
Forwardvoltage
IF = 50 A, VGE = 0 V
IF = 50 A, VGE = 0 V
IF = 50 A, VGE = 0 V
VF
1,72
1,59
1,52
t.b.d.
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Rückstromspitze
Peakreverserecoverycurrent
IF = 50 A, - diF/dt = 1700 A/µs (Tvj=175°C)
VR = 600 V
VGE = -15 V
IRM
48,2
65,5
77,8
A
A
A
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Sperrverzögerungsladung
Recoveredcharge
IF = 50 A, - diF/dt = 1700 A/µs (Tvj=175°C)
VR = 600 V
VGE = -15 V
Qr
4,36
7,52
9,82
µC
µC
µC
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
AbschaltenergieproPuls
Reverserecoveryenergy
IF = 50 A, - diF/dt = 1700 A/µs (Tvj=175°C)
VR = 600 V
VGE = -15 V
Erec
1,57
2,95
3,95
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Wärmewiderstand,ChipbisKühlkörper
Thermalresistance,junctiontoheatsink
proDiode/perdiode
RthJH
1,20
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions
Tvj op
-40
175
°C
Diode,Gleichrichter/Diode,Rectifier
HöchstzulässigeWerte/MaximumRatedValues
PeriodischeSpitzensperrspannung
Repetitivepeakreversevoltage
Tvj = 25°C
VRRM

1600
 V
DurchlassstromGrenzeffektivwertproChip
MaximumRMSforwardcurrentperchip
TH = 100°C
IFRMSM

50
 A
GleichrichterAusgangGrenzeffektivstrom
MaximumRMScurrentatrectifieroutput
TH = 100°C
IRMSM

50
 A
StoßstromGrenzwert
Surgeforwardcurrent
tp = 10 ms, Tvj = 25°C
tp = 10 ms, Tvj = 150°C
IFSM

450
370
 A
A
Grenzlastintegral
I²t-value
tp = 10 ms, Tvj = 25°C
tp = 10 ms, Tvj = 150°C
I²t

1010
685
 A²s
A²s
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Durchlassspannung
Forwardvoltage
Tvj = 150°C, IF = 50 A
VF
1,09
V
Sperrstrom
Reversecurrent
Tvj = 150°C, VR = 1600 V
IR
0,18
mA
Wärmewiderstand,ChipbisKühlkörper
Thermalresistance,junctiontoheatsink
proDiode/perdiode
RthJH
1,24
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions
Tvj op
-40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com