Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP50R12W2T7 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FP50R12W2T7
Description  EasyPIM??Modul mit TRENCHSTOP??IGBT7 und Emitter Controlled 7 Diode und NTC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP50R12W2T7 Datasheet(HTML) 2 Page - Infineon Technologies AG

  FP50R12W2T7 Datasheet HTML 1Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 2Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 3Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 4Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 5Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 6Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 7Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 8Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Datasheet
2
V2.0
2020-05-08
FP50R12W2T7
VorläufigeDaten
PreliminaryData
IGBT,Wechselrichter/IGBT,Inverter
HöchstzulässigeWerte/MaximumRatedValues
Kollektor-Emitter-Sperrspannung
Collector-emittervoltage
Tvj = 25°C
VCES

1200
 V
Kollektor-Dauergleichstrom
ContinuousDCcollectorcurrent
TH = 75°C, Tvj max = 175°C
ICDC

50
 A
PeriodischerKollektor-Spitzenstrom
Repetitivepeakcollectorcurrent
tP = 1 ms
ICRM

100
 A
Gate-Emitter-Spitzenspannung
Gate-emitterpeakvoltage
VGES

+/-20
 V
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Kollektor-Emitter-Sättigungsspannung
Collector-emittersaturationvoltage
IC = 50 A
VGE = 15 V
VCE sat
1,50
1,64
1,72
t.b.d.
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Gate-Schwellenspannung
Gatethresholdvoltage
IC = 1,28 mA, VCE = VGE, Tvj = 25°C
VGEth
5,15
5,80
6,45
V
Gateladung
Gatecharge
VGE = -15 / 15 V, VCE = 600 V
QG
0,92
µC
InternerGatewiderstand
Internalgateresistor
Tvj = 25°C
RGint
0,0
Ω
Eingangskapazität
Inputcapacitance
f = 100 kHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cies
11,1
nF
Rückwirkungskapazität
Reversetransfercapacitance
f = 100 kHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cres
0,039
nF
Kollektor-Emitter-Reststrom
Collector-emittercut-offcurrent
VCE = 1200 V, VGE = 0 V
ICES
0,008 mA
Tvj = 25°C
Gate-Emitter-Reststrom
Gate-emitterleakagecurrent
VCE = 0 V, VGE = 20 V, Tvj = 25°C
IGES
100
nA
Einschaltverzögerungszeit,induktiveLast
Turn-ondelaytime,inductiveload
IC = 50 A, VCE = 600 V
VGE = -15 / 15 V
RGon = 5,1
Ω
td on
0,051
0,054
0,055
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Anstiegszeit,induktiveLast
Risetime,inductiveload
IC = 50 A, VCE = 600 V
VGE = -15 / 15 V
RGon = 5,1
Ω
tr
0,027
0,028
0,029
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Abschaltverzögerungszeit,induktiveLast
Turn-offdelaytime,inductiveload
IC = 50 A, VCE = 600 V
VGE = -15 / 15 V
RGoff = 5,1
Ω
td off
0,265
0,335
0,382
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Fallzeit,induktiveLast
Falltime,inductiveload
IC = 50 A, VCE = 600 V
VGE = -15 / 15 V
RGoff = 5,1
Ω
tf
0,111
0,185
0,277
µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
EinschaltverlustenergieproPuls
Turn-onenergylossperpulse
IC = 50 A, VCE = 600 V, L
σ = 35 nH
di/dt = 1700 A/µs (Tvj = 175°C)
VGE = -15 / 15 V, RGon = 5,1
Ω
Eon
3,24
4,49
5,21
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
AbschaltverlustenergieproPuls
Turn-offenergylossperpulse
IC = 50 A, VCE = 600 V, L
σ = 35 nH
du/dt = 2900 V/µs (Tvj = 175°C)
VGE = -15 / 15 V, RGoff = 5,1
Ω
Eoff
3,84
5,54
6,63
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
Kurzschlußverhalten
SCdata
VGE
≤ 15 V, VCC = 800 V
VCEmax = VCES -LsCE ·di/dt
ISC
190
180
A
A
Tvj = 150°C
Tvj = 175°C
tP
≤ 8 µs,
tP
≤ 7 µs,
Wärmewiderstand,ChipbisKühlkörper
Thermalresistance,junctiontoheatsink
proIGBT/perIGBT
RthJH
0,910
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions
Tvj op
-40
175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com