Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP50R12W2T7 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # FP50R12W2T7
Description  EasyPIM??Modul mit TRENCHSTOP??IGBT7 und Emitter Controlled 7 Diode und NTC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP50R12W2T7 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button FP50R12W2T7 Datasheet HTML 5Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 6Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 7Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 8Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 9Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 10Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 11Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 12Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Datasheet
9
V2.0
2020-05-08
FP50R12W2T7
VorläufigeDaten
PreliminaryData
TransienterWärmewiderstandIGBT,Wechselrichter
transientthermalimpedanceIGBT,Inverter
ZthJH=f(t)
t [s]
0,001
0,01
0,1
1
10
0,01
0,1
1
10
ZthJH : IGBT
i:
ri[K/W]:
τi[s]:
1
0,041
0,0011
2
0,187
0,0224
3
0,649
0,0333
4
0,033
3,44
SichererRückwärts-ArbeitsbereichIGBT,Wechselrichter
(RBSOA)
reversebiassafeoperatingareaIGBT,Inverter(RBSOA)
IC=f(VCE)
VGE=±15V,RGoff=5.1
Ω,Tvj=175°C
VCE [V]
0
200
400
600
800
1000
1200
1400
0
10
20
30
40
50
60
70
80
90
100
110
120
IC, Modul
IC, Chip
KapazitätsCharakteristikIGBT,Wechselrichter(typisch)
capacitycharacteristicIGBT,Inverter(typical)
C=f(VCE)
VGE=0V,Tvj=25°C,f=100kHz
VCE [V]
0
10
20
30
40
50
60
70
80
90
100
0,01
0,1
1
10
100
Cies
Coes
Cres
GateladungsCharakteristikIGBT,Wechselrichter(typisch)
gatechargecharacteristicIGBT,Inverter(typical)
VGE=f(QG)
IC=50A,Tvj=25°C
QG [µC]
0,0
0,2
0,4
0,6
0,8
1,0
-15
-10
-5
0
5
10
15
VCC = 600 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com