Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP50R12W2T7 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # FP50R12W2T7
Description  EasyPIM??Modul mit TRENCHSTOP??IGBT7 und Emitter Controlled 7 Diode und NTC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP50R12W2T7 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button FP50R12W2T7 Datasheet HTML 2Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 3Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 4Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 5Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 6Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 7Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 8Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 9Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Datasheet
6
V2.0
2020-05-08
FP50R12W2T7
VorläufigeDaten
PreliminaryData
Modul/Module
Isolations-Prüfspannung
Isolationtestvoltage
RMS, f = 50 Hz, t = 1 min.
VISOL

2,5
 kV
InnereIsolation
Internalisolation
Basisisolierung(Schutzklasse1,EN61140)
basicinsulation(class1,IEC61140)

Al2O3

Kriechstrecke
Creepagedistance
Kontakt-Kühlkörper/terminaltoheatsink
Kontakt-Kontakt/terminaltoterminal

11,5
6,3
 mm
Luftstrecke
Clearance
Kontakt-Kühlkörper/terminaltoheatsink
Kontakt-Kontakt/terminaltoterminal

10,0
5,0
 mm
VergleichszahlderKriechwegbildung
Comperativetrackingindex
CTI

> 200

RelativerTemperaturindex(elektr.)
RTIElec.
Gehäuse
housing
RTI

140
 °C
min.
typ.
max.
Modulstreuinduktivität
Strayinductancemodule
LsCE
30
nH
Modulleitungswiderstand,Anschlüsse-
Chip
Moduleleadresistance,terminals-chip
TH=25°C,proSchalter/perswitch
RCC'+EE'
RAA'+CC'
5,00
6,00
m
Ω
Lagertemperatur
Storagetemperature
Tstg
-40
125
°C
Anpresskraft für mech. Bef. pro Feder
mountig force per clamp
F
40
-
80
N
Gewicht
Weight
G
39
g
Der Strom im Dauerbetrieb ist auf 30 A effektiv pro Anschlusspin begrenzt.
The current under continuous operation is limited to 30 A rms per connector pin.
Tvj op > 150°C ist im Überlastbetrieb zulässig. Detaillierte Angaben sind AN 2018-14 zu entnehmen.
Tvj op > 150°C is allowed for operation at overload conditions. For detailed specifications, please refer to AN 2018-14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com