Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP50R12W2T7 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # FP50R12W2T7
Description  EasyPIM??Modul mit TRENCHSTOP??IGBT7 und Emitter Controlled 7 Diode und NTC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP50R12W2T7 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button FP50R12W2T7 Datasheet HTML 6Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 7Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 8Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 9Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 10Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 11Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 12Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 13Page - Infineon Technologies AG FP50R12W2T7 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Datasheet
10
V2.0
2020-05-08
FP50R12W2T7
VorläufigeDaten
PreliminaryData
DurchlasskennliniederDiode,Wechselrichter(typisch)
forwardcharacteristicofDiode,Inverter(typical)
IF=f(VF)
VF [V]
0,0
0,5
1,0
1,5
2,0
2,5
0
10
20
30
40
50
60
70
80
90
100
Tvj = 25°C
Tvj = 125°C
Tvj = 175°C
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(IF)
RGon=5.1
Ω,VCE=600V
IF [A]
0
10
20
30
40
50
60
70
80
90
100
0,0
1,0
2,0
3,0
4,0
5,0
6,0
Erec, Tvj = 125°C
Erec, Tvj = 175°C
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(RG)
IF=50A,VCE=600V
RG [
Ω]
0
5
10
15
20
25
30
35
40
45
50
55
0,0
1,0
2,0
3,0
4,0
5,0
Erec, Tvj = 125°C
Erec, Tvj = 175°C
TransienterWärmewiderstandDiode,Wechselrichter
transientthermalimpedanceDiode,Inverter
ZthJH=f(t)
t [s]
0,001
0,01
0,1
1
10
0,01
0,1
1
10
ZthJH : Diode
i:
ri[K/W]:
τi[s]:
1
0,058
0,0013
2
0,137
0,0119
3
0,445
0,0687
4
0,56
0,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com