Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020EC Datasheet(PDF) 70 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 70 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 66Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 67Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 68Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 69Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 70Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 71Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 72Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 73Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 74Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Interrupt Controller
Z8 Encore! XP® F08xA Series
Product Specification
52
PA7VI—Port A7 or LVD Interrupt Request
0 = No interrupt request is pending for GPIO Port A or LVD.
1 = An interrupt request from GPIO Port A or LVD.
PA6CI—Port A6 or Comparator Interrupt Request
0 = No interrupt request is pending for GPIO Port A or Comparator.
1 = An interrupt request from GPIO Port A or Comparator.
PAxI—Port A Pin x Interrupt Request
0 = No interrupt request is pending for GPIO Port A pin x.
1 = An interrupt request from GPIO Port A pin x is awaiting service.
where x indicates the specific GPIO Port pin number (0–5).
Interrupt Request 2 Register
The Interrupt Request 2 (IRQ2) register (Table 34) stores interrupt requests for both vec-
tored and polled interrupts. When a request is presented to the interrupt controller, the cor-
responding bit in the IRQ2 register becomes 1. If interrupts are globally enabled (vectored
interrupts), the interrupt controller passes an interrupt request to the eZ8 CPU. If interrupts
are globally disabled (polled interrupts), the eZ8 CPU can read the Interrupt Request 2
register to determine if any interrupt requests are pending.
Reserved—Must be 0.
PCxI—Port C Pin x Interrupt Request
0 = No interrupt request is pending for GPIO Port C pin x.
1 = An interrupt request from GPIO Port C pin x is awaiting service.
where x indicates the specific GPIO Port C pin number (0–3).
Table 33. Interrupt Request 1 Register (IRQ1)
BITS
7
6
5
4
3
2
1
0
FIELD
PA7VI
PA6CI
PA5I
PA4I
PA3I
PA2I
PA1I
PA0I
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FC3H
Table 34. Interrupt Request 2 Register (IRQ2)
BITS
7
6
5
4
3
2
1
0
FIELD
Reserved
PC3I
PC2I
PC1I
PC0I
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FC6H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com