Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020EC Datasheet(PDF) 71 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 71 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 67Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 68Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 69Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 70Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 71Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 72Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 73Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 74Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 75Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Interrupt Controller
Z8 Encore! XP® F08xA Series
Product Specification
53
IRQ0 Enable High and Low Bit Registers
Table 35 describes the priority control for IRQ0. The IRQ0 Enable High and Low Bit reg-
isters (Tables 36 and 37) form a priority encoded enabling for interrupts in the Interrupt
Request 0 register. Priority is generated by setting bits in each register.
Reserved—Must be 0.
T1ENH—Timer 1 Interrupt Request Enable High Bit
T0ENH—Timer 0 Interrupt Request Enable High Bit
U0RENH—UART 0 Receive Interrupt Request Enable High Bit
U0TENH—UART 0 Transmit Interrupt Request Enable High Bit
ADCENH—ADC Interrupt Request Enable High Bit
Reserved—Must be 0.
Table 35. IRQ0 Enable and Priority Encoding
IRQ0ENH[x] IRQ0ENL[x] Priority
Description
0
0
Disabled
Disabled
0
1
Level 1
Low
1
0
Level 2
Nominal
1
1
Level 3
High
where x indicates the register bits from 0–7.
Table 36. IRQ0 Enable High Bit Register (IRQ0ENH)
BITS
7
6
5
4
3
2
1
0
FIELD
Reserved
T1ENH
T0ENH
U0RENH
U0TENH
Reserved
Reserved
ADCENH
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FC1H
Table 37. IRQ0 Enable Low Bit Register (IRQ0ENL)
BITS
7
6
5
4
3
2
1
0
FIELD
Reserved
T1ENL
T0ENL
U0RENL
U0TENL
Reserved
Reserved
ADCENL
RESET
0
000
00
00
R/W
R
R/W
R/W
R/W
R/W
R
R
R/W
ADDR
FC2H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com