Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020EC Datasheet(PDF) 55 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 55 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 51Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 52Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 53Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 54Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 55Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 56Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 57Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 58Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 59Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
General-Purpose I/O
Z8 Encore! XP® F08xA Series
Product Specification
37
GPIO Control Register Definitions
Four registers for each Port provide access to GPIO control, input data, and output data.
Table 15 lists these Port registers. Use the Port A–D Address and Control registers
together to provide access to sub-registers for Port configuration and control.
Port A–D Address Registers
The Port A–D Address registers select the GPIO Port functionality accessible through the
Port A–D Control registers. The Port A–D Address and Control registers combine to pro-
vide access to all GPIO Port controls (Table 16).
Table 15. GPIO Port Registers and Sub-Registers
Port Register Mnemonic
Port Register Name
PxADDR
Port A–D Address Register
(Selects sub-registers)
PxCTL
Port A–D Control Register
(Provides access to sub-registers)
PxIN
Port A–D Input Data Register
PxOUT
Port A–D Output Data Register
Port Sub-Register Mnemonic
Port Register Name
PxDD
Data Direction
PxAF
Alternate Function
PxOC
Output Control (Open-Drain)
PxHDE
High Drive Enable
PxSMRE
STOP Mode Recovery Source Enable
PxPUE
Pull-up Enable
PxAFS1
Alternate Function Set 1
PxAFS2
Alternate Function Set 2
Table 16. Port A–D GPIO Address Registers (PxADDR)
BITS
7
6
5
4
3
2
1
0
FIELD
PADDR[7:0]
RESET
00H
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
FD0H, FD4H, FD8H, FDCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com