Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020EC Datasheet(PDF) 47 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 47 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 43Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 44Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 45Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 46Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 47Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 48Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 49Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 50Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 51Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Low-Power Modes
Z8 Encore! XP® F08xA Series
Product Specification
29
HALT Mode
Executing the eZ8 CPU’s HALT instruction places the device into HALT mode. In HALT
mode, the operating characteristics are:
• Primary oscillator is enabled and continues to operate
• System clock is enabled and continues to operate
• eZ8 CPU is stopped
• Program counter (PC) stops incrementing
• Watch-Dog Timer’s internal RC oscillator continues to operate
• If enabled, the Watch-Dog Timer continues to operate
• All other on-chip peripherals continue to operate
The eZ8 CPU can be brought out of HALT mode by any of the following operations:
• Interrupt
• Watch-Dog Timer time-out (interrupt or reset)
• Power-on reset
• Voltage-brown out reset
• External RESET pin assertion
To minimize current in HALT mode, all GPIO pins that are configured as inputs must be
driven to one of the supply rails (VCC or GND).
Peripheral-Level Power Control
In addition to the STOP and Halt modes, it is possible to disable each peripheral on each
of the Z8 Encore! XP® F08xA Series devices. Disabling a given peripheral minimizes its
power consumption.
Power Control Register Definitions
Power Control Register 0
Each bit of the following registers disables a peripheral block, either by gating its system
clock input or by removing power from the block.
The default state of the transimpedance amplifier is OFF. To use the transimpedance
amplifier, clear the TRAM bit, turning it ON. Clearing this bit might interfere with normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com