Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020EC Datasheet(PDF) 40 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 40 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 36Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 37Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 38Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 39Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 40Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 41Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 42Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 43Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 44Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Reset and STOP Mode Recovery
Z8 Encore! XP® F08xA Series
Product Specification
22
Figure 4.Power-On Reset Operation
Voltage Brown-Out Reset
The devices in the Z8 Encore! XP® F08xA Series provide low Voltage Brown-Out (VBO)
protection. The VBO circuit senses when the supply voltage drops to an unsafe level
(below the VBO threshold voltage) and forces the device into the Reset state. While the
supply voltage remains below the Power-On Reset voltage threshold (VPOR), the VBO
block holds the device in the Reset.
After the supply voltage again exceeds the Power-On Reset voltage threshold, the device
progresses through a full System Reset sequence, as described in the Power-On Reset sec-
tion. Following Power-On Reset, the POR status bit in the Reset Status (RSTSTAT) regis-
ter is set to 1. Figure 5 illustrates Voltage Brown-Out operation. Refer to the chapter
“Electrical Characteristics” on page 191 for the VBO and POR threshold voltages (VVBO
and VPOR).
The Voltage Brown-Out circuit can be either enabled or disabled during STOP mode.
Operation during STOP mode is set by the VBO_AO Flash Option Bit. Refer to the Flash
Option Bits chapter for information about configuring VBO_AO.
VCC = 0.0V
VCC = 3.3V
VPOR
VVBO
Internal Precision
Internal RESET
signal
Program
Execution
Oscillator
Start-up
POR
counter delay
optional XTAL
counter delay
Oscillator
Crystal
Oscillator
Note: Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com