Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F082ASH020EC Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 15Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 16Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 17Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 18Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 19Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 20Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 21Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 22Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Overview
Z8 Encore! XP® F08xA Series
Product Specification
1
Overview
The Z8 Encore!® MCU family of products are the first in a line of ZiLOG® microcontrol-
ler products based upon the 8-bit eZ8 CPU. The Z8 Encore! XP® F08xA Series products,
expand upon ZiLOG’s extensive line of 8-bit microcontrollers. The Flash in-circuit pro-
gramming capability allows for faster development time and program changes in the field.
The new eZ8 CPU is upward compatible with existing Z8® instructions. The rich periph-
eral set of the Z8 Encore! XP® F08xA Series makes it suitable for a variety of applications
including motor control, security systems, home appliances, personal electronic devices,
and sensors.
Features
• 20MHz eZ8 CPU
• 8KB Flash memory with in-circuit programming capability
• 1KB register RAM
• 17 to 25 I/O pins depending upon package
• Internal Precision Oscillator
• External crystal oscillator
• Full-duplex UART
• Infrared Data Association (IrDA)-compliant infrared encoder/decoders, integrated with
UART
• Two enhanced 16-bit timers with capture, compare, and PWM capability
• Watch-Dog Timer (WDT) with dedicated internal RC oscillator
• On-Chip Debugger
• Optional 8-channel, 10-bit Analog-to-Digital Converter (ADC)
• On-Chip temperature sensor
• On-Chip analog comparator
• On-Chip current sense amplifier
• Up to 20 vectored interrupts
• Voltage Brown-out Protection (VBO)
• Power-On Reset (POR)
• 2.7 to 3.6V operating voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com