Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7ULPCEC Datasheet(PDF) 24 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button IMX7ULPCEC Datasheet HTML 20Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 21Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 22Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 23Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 24Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 25Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 26Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 27Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 118 page
background image
chip modules as the external 32 kHz oscillator. The internal
oscillator is not precise relative to a crystal. While it will
provide a clock to the system, it generally will not be precise
enough for long-term time keeping. The internal oscillator is
anticipated to be useful for quicker start-up times and
tampering prevention, but should not be used as the exclusive
source for the 32 kHz clocks. An external 32 kHz clock
source must be used for production systems.
3 Application domain (implementing ARM Cortex-A7)
The application domain is built around an ARM Cortex-A7 processor optimized to run
nominally at 500 MHz, supported by a 32 KB L1 instruction and data cache, a large L2
cache, and an LPDDR2/LPDDR3 memory interface. The Cortex-A7 processor is a
high-performance low-power processor that implements the ARMv7-A architecture. It
uses the generic interrupt controller (GIC), generic 64-bit OS timer, FPU and the ARM
NEON SIMD engine. Additionally, all the optional debug features are included.
3.1 Memory system—application domain
3.1.1 Internal memory (application domain)
3.1.2 Multi Mode DDR Controller (MMDC)
The Multi Mode DDR Controller is a dedicated interface to LPDDR2/LPDDR3
SDRAM.
The i.MX 7ULP MMDC is compatible with the following JEDEC-compliant memory
types:
• LPDDR2 SDRAM compliant to JESD209-2F LPDDR2 JEDEC standard released
June, 2013
• LPDDR3 SDRAM compliant to JESD209-3C JEDEC standard released August,
2015
Application domain (implementing ARM Cortex-A7)
24
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com