Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7ULPCEC Datasheet(PDF) 35 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button IMX7ULPCEC Datasheet HTML 31Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 32Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 33Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 34Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 35Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 36Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 37Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 38Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 118 page
background image
Table 5. Recommended operating conditions (continued)
Symbol
Description
Conditions
Min
Typ
Max Units
VDD_PMC12_DIG1
A7 domain LDO and internal
memory LDO supply input
—
1.14
1.2
1.32
V
VDD_PMC11_DIG1_CAP10
A7 domain LDO supply
output
—
0.65
—
1.15
V
PMC1_RUN[LDOVL]
PMC1 RUN mode LDO
configuration requirements
RUN mode; No Bias —
100011b
(0.95V)
—
V
PMC1_VLPR[LDOVL]
PMC1 VLPR mode LDO
configuration requirements
VLPR mode
—
011110b
(0.90V)
—
V
PMC1_STOP[LDOVL]
PMC1 STOP mode LDO
configuration requirements
STOP mode (CA7
halted and
peripherals running
at full rated speed)
—
100011b
(0.95V)
—
V
PMC1_STOP[LDOVL]
PMC1 STOP mode LDO
configuration requirements
STOP mode (CA7
halted and
peripherals running
at VLPR speeds)
—
011110b
(0.90V)
—
V
PMC1_VLPS[LDOVL]
PMC1 VLPS mode LDO
configuration requirements
VLPS mode
—
011110b
(0.90V)
—
V
PMC1_LLS[LDOVL]
PMC1 LLS mode LDO
configuration requirements
LLS Mode
—
001011b
(0.71V)
—
V
RDIG1
External board routing
impedance from
VDD_PMC11_DIG1_CAP to
VDD_DIG1
—
—
—
50
mΩ
GPIO Supplies11
VDD_PTA12, 13
GPIO Port A supply input
—
1.71
1.8 or 3.3
3.6
V
VDD_PTB1
GPIO Port B supply input
—
1.71
1.8
1.89
V
VDD_PTC
GPIO Port C supply input
—
1.71
1.8 or 3.3
3.6
V
VDD_PTD
GPIO Port D supply input
—
1.71
1.8 or 3.3
3.6
V
VDD_PTE
GPIO Port E supply input
—
1.71
1.8 or 3.3
3.6
V
VDD_PTF14
GPIO Port F supply input
—
1.71
1.8 or 3.3
3.6
V
Peripheral/Interface Supplies
VDD_HSIC
HSIC 1.2V supply input
—
1.14
1.2
1.32
V
VDD18_HSIC
HSIC 1.8V pre-driver supply
input
—
1.71
1.8
1.89
V
VDD_DDR15
DDR I/O supply input
—
1.14
1.2
1.26
V
VDD18_DDR
DDR 1.8V pre-driver supply
input
—
1.71
1.8
1.89
V
VDD_DSI1116
MIPI DSI 1.1V supply input
—
0.8
1.1
1.155 V
VDD_DSI18
MIPI DSI 1.8V supply input
—
1.71
1.8
1.89
V
VDD_USB33
USB PHY 3.3V supply input
—
3.0
3.3
3.6
V
VDD_USB18
USB PHY 1.8V supply input
—
1.71
1.8
1.89
V
Table continues on the next page...
System specifications
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
35
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com