Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7ULPCEC Datasheet(PDF) 85 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button IMX7ULPCEC Datasheet HTML 81Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 82Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 83Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 84Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 85Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 86Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 87Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 88Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 118 page
background image
Table 53. ADC electrical specifications (1V≤VREFH<VDD_ANA18MIN and
VADINMAX≤VREFH)1 (continued)
Symbol
Description
Min
Typ2
Max
Unit
Notes
EZS
Zero-scale
error
0.05
LSB
5
Iin_ext_leak
External
channel
leakage
current
30
500
nA
EIL
Input leakage
error
RAS * Iin
mV
1. Values in this table are based on design simulations.
2. Typical values assume VDD_ANA_18 = 1.8 V, Temp = 25 °C, fACLK = Max, unless otherwise stated. Typical values
are for reference only, and are not tested in production.
3. This resistance is external to the SoC. To achieve the best results, the analog source resistance must be kept as low
as possible. The results in this data sheet were derived from a system that had < 15 Ω analog source resistance. The
RAS/CAS time constant should be kept to < 1 ns.
4. See Sample time vs. RAS.
5. 1 LSB = (VREFH - VREFL)/2N, N=12
6. ADC conversion clock at max frequency and using linear histogram.
7. Input data used for test was 1 kHz sine wave.
The following figure shows a plot of the ADC sample time versus RAS.
Figure 32. Sample time vs. RAS
Specifications—real-time domain
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
85
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com