Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7ULPCEC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button IMX7ULPCEC Datasheet HTML 35Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 36Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 37Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 38Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 39Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 40Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 41Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 42Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
6.2.1.1 Fast IRC (FIRC) specifications
Table 8. FIRC specifications with 48 MHz internal reference frequency
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
firc48m
Internal reference frequency
—
48
—
MHz
Δfirc48m_ol_lv Open loop total deviation of IRC48M frequency
-1.5
—
1.5
%firc48m
Jcyc_irc48m Period Jitter (RMS)
—
35
150
ps
tirc48mst
Startup time
—
2
3
μs
1
1. FIRC startup time is defined as the time between clock enablement and clock availability for system use.
Table 9. FIRC specifications with 60 MHz internal reference frequency
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
firc60m
Internal reference frequency
—
60
—
MHz
Δfirc60m_ol_lv Open loop total deviation of IRC60M frequency
-1.5
—
1.5
%firc60m
Jcyc_irc60m Period Jitter (RMS)
—
35
150
ps
tirc60mst
Startup time
—
2
3
μs
1
1. FIRC startup time is defined as the time between clock enablement and clock availability for system use.
6.2.1.2 Slow IRC (SIRC) specifications
Table 10. Slow IRC (SIRC) specifications
Symbol
Description
Min
Typ
Max
Unit
firc16m
Internal reference frequency
15.52
16
16.48
MHz
Δfirc16m_ol_lv Open loop total deviation of IRC16M frequency at low
voltage (VDD=1.71V-1.89V) over temperature
-3%
3%
%firc16m_ol_lv
6.2.1.3 Oscillator electrical specifications
6.2.1.3.1 Oscillator DC electrical specifications
Table 11. Oscillator DC electrical specifications
Symbol Description
Min.
Typ.
Max.
Unit
Notes
Cx
EXTAL load capacitance
—
—
—
1
Cy
XTAL load capacitance
—
—
—
1
RF
Feedback resistor — low-power mode
(HGO=0)
—
—
—
MΩ
1, 2
Table continues on the next page...
System specifications
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
39
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com