Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7ULPCEC Datasheet(PDF) 49 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button IMX7ULPCEC Datasheet HTML 45Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 46Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 47Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 48Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 49Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 50Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 51Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 52Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
Table 19. Required connections for unused interfaces
Module
Supply Name
Description
Recommendations if module is unused
ADC
VREFH_ANA18
High Reference supply for ADC
10 kΩ resistor to ground
VREFL_ANA
Low Reference supply for ADC
10 kΩ resistor to ground
VDD_ANA18
1.8 V supply for ADC Analog and
IO segment
10 kΩ resistor to ground
VDD_ANA33
3.3 V supply for ADC Analog and
IO segment
10 kΩ resistor to ground
DAC
DAC0_OUT
DAC0 output
Leave unconnected
DAC1_OUT
DAC1 output
Leave unconnected
MIPI DSI
VDD_DSI11
MIPI 1.1 V supply
10 kΩ resistor to ground
VDD_DSI18
MIPI 1.8 V supply
10 kΩ resistor to ground
DSI_CLK_N
MIPI Negative Clock Signal
Leave unconnected
DSI_CLK_P
MIPI Positive Clock Signal
Leave unconnected
DSI_DATA0_N
MIPI Negative Data0 Signal
Leave unconnected
DSI_DATA0_P
MIPI Positive Data0 Signal
Leave unconnected
DSI_DATA1_N
MIPI Negative Data1 Signal
Leave unconnected
DSI_DATA1_P
MIPI Positive Data1 Signal
Leave unconnected
Port D Signals
VDD_PTD
Port D supply
10 kΩ resistor to ground
USB0
VDD_USB33
USB0 PHY 3.3 V supply
10 kΩ resistor to ground
VDD_USB18
USB0 PHY 1.8 V supply
10 kΩ resistor to ground
USB0_DM
USB D- Analog Data Signal on
the USB Bus
Leave unconnected
USB0_DP
USB D+ Analog Data Signal on
the USB Bus
Leave unconnected
USB0_VBUS_DETECT USB0 VBUS Detect
10 kΩ resistor to ground
6.5 Electrical Characteristics and Thermal Specifications
6.5.1 AC electrical characteristics
Unless otherwise specified, propagation delays are measured from the 50% to the 50%
point, and rise and fall times are measured at the 20% and 80% points, as shown in the
following figure.
System specifications
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
49
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com