Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7ULPCEC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IMX7ULPCEC Datasheet HTML 9Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 10Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 11Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 12Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 13Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 14Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 15Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 16Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 118 page
background image
Table 1. i.MX 7ULP modules list (continued)
Block Name
Block Mnemonic
Subsystem
Power
Domain
Brief description
LCD Interface
Controller
LCDIF
Multimedia
AD
The LCDIF is a general purpose display
controller used to drive a wide range of
display devices varying in size and
capabilities. The LCDIF is used as a
bridge between the DSI controller and
the NIC0 crossbar.
Low-Leakage Wake-
Up Unit
LLWU
System Control
DGO
The Low-Leakage Wake-Up Unit
(LLWU) module allows user to select up
to 32 external pin sources and up to 8
internal modules as a wakeup source
from low leakage power modes.
Low Power Inter-
Integrated Circuit
LPI2C0-7
Connectivity and
Communications
AD, RT
The Low Power Inter-Integrated Circuit
(LPI2C) module implements an efficient
interface to an I2C bus as a master. The
LPI2C can continue operating while the
processor is in stop mode provided an
appropriate peripheral clock is available.
This module is designed for low CPU
overhead with DMA offloading of FIFO
register accesses. LPI2C0 - LPI2C3 are
in the real-time domain. LPI2C4 -
LPI2C7 are in the application domain.
Low Power Periodic
Interrupt Timer
LPIT0-1
Timers
AD, RT
Low Power Periodic Interrupt Timer
(LPIT) is a multichannel timer module
that can generate independent pre-
trigger and trigger outputs. These timer
channels can operate individually or can
be chained together. The pre-trigger
and trigger outputs can be used to
trigger other modules on the device.
The LPIT can also operate in low power
modes. LPIT0 is in the real-time
domain. LPIT1 is in the application
domain.
Low Power Serial
Peripheral Interface
LPSPI0-3
Connectivity and
Communications
AD, RT
The Low Power Serial Peripheral
Interface (LPSPI) module implements
an efficient interface to an SPI bus as a
master and/or a slave. The LPSPI can
continue operating while the processor
is in stop mode if an appropriate
peripheral clock is available. This
module is designed for low CPU
overhead with DMA offloading of FIFO
register accesses. LPSPI0 and LPSPI1
are in the real-time domain. LPSPI2 and
LPSPI3 are in the application domain.
Low-power Trusted
Cryptography
LTC
Security
RT
Low-power Trusted Cryptography is an
architecture that allows multiple
cryptographic hardware accelerator
engines to be instantiated and share
Table continues on the next page...
i.MX 7ULP modules list
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
13
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com