Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7ULPIECB2 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 18Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 19Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 20Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 21Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 22Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 23Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 24Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 25Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 112 page
background image
2.1 Introduction
This section details the clock sources, distribution and management within the i.MX
7ULP. These functions are under joint control of the System Clock Generation (SCG)
modules, Peripheral Clock Control (PCC) modules, and Core Mode Controller (CMC)
blocks.
NOTE
References in this chapter to “Core 0” or “Processor A”
correspond to the Cortex M4 core. References in this chapter
to “Core 1” or “Processor B” correspond to the Cortex A7
core.
The clocking scheme provides clear separation between M4 domain and A7 domain.
Except for a few clock sources shared between two domains, such as the System
Oscillator clock, the Slow IRC (SIRC), and the Fast IRC clock (FIRC), clock sources
and clock management are separated and contained within each domain.
M4 clock management consists of SCG0, PCC0, PCC1, and CMC0 modules.
A7 clock management consists of SCG1, PCC2, PCC3, and CMC1 modules.
2.2 Clock distribution
The SCG modules generate and distribute clocks on the device. SCG functions include:
• clock reference selection
• generation of clock used to derive processor, system, peripheral bus and external
memory interface clocks
• source selection for peripheral clocks
• control of power-saving clock-gating mode
PCC modules control clock selection, optional division and clock gating mode for
peripherals.
NOTE
• To bypass system oscillator and directly apply clock from
pin, SCG_SOSCCFG[EREFS] should be set to 0. The
direct clock should be applied on the EXTAL pin.
• For using oscillator reference,
SCG_SOSCCSR[SOSCEN] and
SCG_SOSCCFG[EREFS] should both be set to 1.
Clocking
22
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com