Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7ULPIECB2 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 76Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 77Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 78Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 79Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 80Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 81Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 82Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 83Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 112 page
background image
9.1 Power sequencing—real-time domain
See Power sequencing—system.
9.2 Peripheral operating requirements and behaviors—real-time
domain
9.2.1 QuadSPI AC specifications
• All data is based on a negative edge data launch from the device and a positive
edge data capture, as shown in the timing diagrams in this section.
• Measurements are with a load of 10 pF on output pins. Input slew: 2 ns
• Timings assume a setting of 0x0004_000x for QuadSPI _SMPR register (see the
reference manual for details).
SDR mode
1
2
3
Tck
Tcss
Tcsh
Tis
Tih
Clock
SFCK
CS
Data in
Figure 27. QuadSPI input timing (SDR mode) diagram
NOTE
• The timing values below are with default settings for
sampling registers like QuadSPI_SMPR.
• A negative time indicates the actual capture edge inside
the device is earlier than clock appearing at pad.
• Frequency calculator guidelines (Max read frequency) for
any frequency: SCR > (Flash access time)max + (Tis)max
Specifications—real-time domain
80
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com