Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7ULPIECB2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 35Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 36Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 37Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 38Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 39Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 40Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 41Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 42Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
USBPHY_USB1_VBUS_DETECTn[VBUSVALID_SEL] selects which option is used. If the VBUS_VALID comparator is
used, USBPHY_USB1_VBUS_DETECTn[VBUSVALID_THRESH] determines the threshold voltage for a valid VBUS.
The programmable range is 4.0V to 4.4V (default).
21. The 7ULP USB PHY provides two options for reporting VBUS valid back to the USB controller:
• A programmable internal VBUS_VALID comparator (the default option), or
• An alternate VBUS_VALID_3V detector that will report VBUS valid for voltages above 3 V.
USBPHY_USB1_VBUS_DETECTn[VBUSVALID_SEL] selects which option is used. If the VBUS_VALID_3V detector
is used, the detector voltage is not programmable.
7.1.6 Estimated maximum supply currents
This table represents the estimated maximum current on the power supply rails and
should be used for power supply selection. The data below is based on design
simulation as well as measured data. Note that some of the data in the table is based
on internal companion regulator limits and not actual use cases. Maximum currents
are higher by far than the average power consumption of typical use cases.
Table 6. Estimated maximum supply currents
Power rail
Conditions
Maximum currents
Unit
VDD_VBAT42
4.2 V
23
µA
VDD_PLL18
1.8 V
8
mA
VDD18_IOREF + VDD_PMC18 +
VDD_PTB1
1.8 V
Use Maximum IO equation 2 + 10 mA
VDD18_DDR + VDD18_HSIC
1.8 V
15
mA
VDD_ANA18 + VREFH_ANA18
1.8 V
16
µA
VDD_DSI18
1.8 V
0.6
mA
VDD_USB18
1.8 V
High speed mode
27
mA
VDD_PMC18_DIG0
1.8 V, CM4 200 MHz
60
mA
VDD_PMC12_DIG1 + VDD_DIG1 +
VDD_DSI11
1.15 V
CA7 LDO Bypass Mode
CA7 500 MHz
350
mA
1.15 V
CA7 LDO Bypass Mode
CA7 720 MHz
504
mA
VDD_PMC12_DIG1
1.2 V
CA7 LDO Enabled Mode
CA7 500 MHz
350
mA
1.2 V
CA7 LDO Enabled Mode
CA7 720 MHz
504
mA
Table continues on the next page...
System specifications
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
39
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com