Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7ULPIECB2 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 44Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 45Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 46Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 47Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 48Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 49Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 50Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 51Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 112 page
background image
PLL VCO (MHz)
FRAC (N)
PFD Output (MHz)
528
12
792
528
13
731.07
528
14
678.8
528
15
633.6
528
16
594
528
17
559.0588235
528
18
528
528
19
500.2105263
528
20
475.2
528
21
452.5714286
528
22
432
528
23
413.217
528
24
396
528
25
380.16
528
26
365.538
528
27
352
528
28
339.428
528
29
327.724
528
30
316.8
528
31
306.580
528
32
297
528
33
288
528
34
279.529
528
35
271.5
7.2.5 Audio tunable clock
For audio applications where the data stream is coming from a remote source, the
device has to locally tune a clock signal to match the remote system clock. The
Auxiliary PLL, which provides the clock for master audio, has synchronization logic to
support on-the-fly configuration changes. This allows the device to generate a tunable
clock for audio stream. The clock from one of the Auxiliary PLLs (PLL1) can be
divided by the post-dividers in analog and also the dividers in SCG module. The
divided tunable clock generated should meet the following requirement:
• Output center frequency of 12.288 MHz or 11.2896 MHz
• Tunable range of ± 1000 ppm
• Tunable resolution of 1 ppm
System specifications
48
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com