Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7ULPIECB2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 3Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 4Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 5Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 6Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 7Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 8Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 9Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 10Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
1 i.MX 7ULP modules list
The i.MX 7ULP applications processor contains a variety of digital and analog
modules. The following table describes these modules in alphabetical order.
In the Domain column in this table:
• AD = Application Power Domain (primarily controlled by the Cortex-A7)
• RT = Real-Time Power Domain (primarily controlled by the Cortex-M4)
• VBAT = RTC/VBAT power domain Real-Time Domain
• DGO = “always-on” DGO power domain
• SYS = system-level functions that are implemented separately from the domains
listed above.
Table 1. i.MX 7ULP modules list
Block Name
Block Mnemonic
Subsystem
Power
Domain
Brief description
AMBA Network
Interconnect
Crossbar
NIC0-1
DMA and Bus Fabrics AD
The AMBA Network Interconnect
Crossbar (NIC) is a highly configurable
and high performance AMBA-compliant
network infrastructure which arbitrates
between multiple AXI or AHB masters to
grant access to internal or external
memories or other slave devices. It
supports connectivity between several
slave and master ports for parallel
processing. It uses a hybrid round-robin
arbitration scheme and contains
frequency converters, data width
converters, bus protocol converter, and
AXI channel buffers.
Analog PMC
Analog PMC
Power Management
SYS
The Analog PMC consists of voltage/
current references, core logic supply
regulators, memory supply regulators,
Back and Forward Biasing regulators,
monitors and power switches, etc.
There are two Analog PMC subsystems
in i.MX 7ULP, one associated with the
M4 power domain and the other with the
A7 power domain.
Analog-to-Digital
Converter
ADC0-1
Analog
RT
Analog-to-Digital Converter (ADC) is a
12-bit resolution, successive
approximation analog to digital
converter. The ADC module supports
up to 16 single-ended external analog
inputs. It outputs 12-bit, 10-bit, or 8-bit
digital signal in right-justified unsigned
Table continues on the next page...
i.MX 7ULP modules list
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
7
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com