Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7ULPIECB2 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # IMX7ULPIECB2
Description  i.MX 7ULP Applications Processor-Industrial
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPIECB2 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button IMX7ULPIECB2 Datasheet HTML 26Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 27Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 28Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 29Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 30Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 31Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 32Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 33Page - NXP Semiconductors IMX7ULPIECB2 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 112 page
background image
Table 3. JTAG device identification register information
Silicon Revision
Part Identification Number (PIN)
Part Revision Number (PRN)
A0
10'b0011100001
4’b0000
B0
10'b0011100001
4’b0001
B1
10'b0011100001
4’b0010
B2
10'b0011100001
4’b0011
The contents of the JTAD ID register are also mirrored in a SIM register called
JTAG_ID_REG (address 0x410A_308C).
5.3 Oscillators and PLLs
5.3.1 System oscillator (SYS OSC)
The system oscillator (SYS OSC) is a crystal oscillator. The SYS OSC, in conjunction
with an external crystal or resonator, generates a reference clock for this chip. It also
provides the option for an external input clock to EXTAL signal directly.
5.3.2 Real-Time Clock Oscillator (RTC OSC)
The RTC OSC module provides the clock source for the Real-Time Clock module. The
RTC OSC module, in conjunction with an external crystal, generates a 32.678 kHz
reference clock for the RTC.
5.3.3 USB PLL
The USB PLL is embedded in the USB transceiver block. This PLL allows an exact 480
MHz to be generated from a supported reference clock of 24 MHz. The output of this
PLL is primarily used for USB operations. The USB PLL clock is also made available
as a clock source for other peripherals in the SoC.
System control modules
30
i.MX 7ULP Applications Processor—Industrial, Rev. 1, 07/2021
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com