Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z84C9012VSC Datasheet(PDF) 14 Page - Zilog, Inc.

Part # Z84C9012VSC
Description  KIO Serial/Parallel Counter Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z84C9012VSC Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button Z84C9012VSC Datasheet HTML 10Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 11Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 12Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 13Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 14Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 15Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 16Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 17Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Z84C90
KIO Serial/Parallel Counter Timer
PS011802-0902
9
Standard Test Conditions
The DC Characteristics and Capacitance sections below apply to the following standard
test conditions, unless otherwise noted. All voltages are referenced to GND (0V). Posi-
tive current flows into the referenced pin.
Available operating temperature ranges are:
• S = 0° C to +70° C
• E = –40° C to +100° C
Voltage Supply Range: +5.0V ± 10%
All AC parameters assume a load capacitance of 100 pF. Add 10 ns delay for each 50 pF
increase in load up to a maximum of 200 pF for the data bus and 100 pF for the address
and control lines. AC timing measurements are referenced to 1.5 volts (except for
CLOCK, which is referenced to the 10% and 90% points.
Table 2. KIO Registers
Address
A3
A2
A1
A0
Register 0: PIO Port A Data
0
0
0
0
Register 1: PIO Port A Command
0
0
0
1
Register 2: PIO Port B Data
0
0
1
0
Register 3: PIO Port B Command
0
0
1
1
Register 4: CTC Channel 0
0
1
0
0
Register 5: CTC Channel 1
0
1
0
1
Register 6:
0
1
1
0
Register 7:
0
1
1
1
Register 8: SIO Port A Data
1
0
0
0
Register 9: SIO Port A Command/Status
1
0
0
1
Register 10: SIO Channel B Data
1
0
1
0
Register 11: SIO Channel B Command/Status
1
0
1
1
Register 12: PIA Port C Data
1
1
0
0
Register 13: PIA Port C Command
1
1
0
1
Register 14: KIO Command
1
1
1
0
Register 15: Reserved
1
1
1
1
Note: Additionally, IORQ and CS must be Low. Registers are written to or read from by the CPU,
applying a 1 or a 0 respectively on the RD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com