Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z84C9012VSC Datasheet(PDF) 20 Page - Zilog, Inc.

Part # Z84C9012VSC
Description  KIO Serial/Parallel Counter Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z84C9012VSC Datasheet(HTML) 20 Page - Zilog, Inc.

Back Button Z84C9012VSC Datasheet HTML 16Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 17Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 18Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 19Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 20Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 21Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 22Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 23Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 24Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Z84C90
KIO Serial/Parallel Counter Timer
PS011802-0902
15
AC Characteristics
Table 5. AC Characteristics of the Z84C90
8MHz
10MHz1
12MHz
No. Symbol
Parameter
Min
Max
Min
Max
Min Max U/M
Bus Interface Timing
1
TcC
Clock Cycle Time
125
DC
100
DC
80
DC ns
2
TwCh
Clock Pulse Width (High)
55
DC
42
DC
32
DC ns
3
TwCl
Clock Pulse Width (Low)
55
DC
42
DC
32
DC ns
4
TfC
Clock Fall Time
10
10
10
ns
5
TrC
Clock Rise Time
10
10
10
ns
6TsA(Rlf)
Address, CS Setup to RD, IORQ
Fall
50
40
30
ns
7TsRl(Cr)
RD, IORQ to Clock Rise Setup
50
50
40
ns
8
Th
Hold Time for Specified Setup
15
15
15
ns
9
TdCr(DO)
CLOCK Rise to Data Out Delay
100
80
65
ns
10
TdRlr(DOz)
RD, IORQ Rise to Data Out Float
Delay
75
60
55
ns
11
ThRDr(D)
M1,RD,IORQ Rise to Data Float
15
15
15
ns
12
TsD(Cr)
Data in to Clock Rise Setup
30
25
22
ns
13
TdIOI(DO)
IORQ Fall to Data Out Delay
(INTACK Cycle)2
95
95
95
ns
14
ThIOr(D)
IORQ Rise to Data Float (INTACK)
15
15
15
ns
15
THIOr(A)
IORQ Rise to Address Hold
15
15
15
ns
16
TsM1f(Cr)
M1 Fall to Clock Rise Setup
40
40
40
ns
17
TsM1r(Cf)
M1 Rise to Clock Fall Setup
(M1 Cycle)
-15
-15
15
ns
18
TdM1f(IEOf)
M1 Fall to IEO Fall Delay (Interrupt
Immediately preceding M1 Fall)3
••
• ns
19
TsIEI(IOf)
IEI to IORQ Fall Setup3
••
• ns
20
TdIEIf(IEOf)
IEI Fall to IEO Fall Delay3
160
150
125 ns
21
TdIEIf(IEOr)
IEI Rise to IEO Rise Delay
(after ED Decode)3
160
150
125 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com