Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z84C9012VSC Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z84C9012VSC
Description  KIO Serial/Parallel Counter Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z84C9012VSC Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z84C9012VSC Datasheet HTML 17Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 18Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 19Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 20Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 21Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 22Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 23Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 24Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Z84C90
KIO Serial/Parallel Counter Timer
PS011802-0902
16
22
TsIEI(Cf)
IEI to Clock Fall Setup (for 4D
Decode)
50
40
30
ns
23
TsIOr(Cf)
IORQ Rise to Clock Fall Setup
(to activate RDY on next clock)
100
100
ns
PIO Timing
24
TdCf(RDYr)
Clock Fall to RDY Rise Delay
100
100
ns
25
TdCf(RDYf)
Clock Fall to RDY Fall Delay
100
100
ns
26
TwSTB
STB Pulse Width
100
80
ns
27
TsSTBr(Cf)
STB Rise to Clock Fall Setup
(to activate RDY on next clock
cycle)
100
100
ns
28
TdIOf(PD)
IORQ Fall to Port Data Valid
(Mode 0)
140
120
ns
29
TsPD(STBr)
Port A,B Data to STB Rise Setup
Time (Mode 1)
140
75
ns
30
TdSTBI(PD)
STB Fall to Port A,B Data Valid
Delay (Mode 2)
150
120
ns
31
TdSTBr(PDz)
STB Rise to Port Data Float Delay
(Mode 2)
140
120
ns
32
TdPD(INTf)
Port Data Match to INT Fall Delay
(Mode 3)
250
200
ns
33
TdSTBr(INTf)
STB Rise to INT Fall Delay
290
220
ns
34
TsPD(RIf)
PIA Port Data to RD, IORQ Fall
Setup
TBD
TBD
–
35
TdCr(PD)
Clock Rise to Port Data Valid Delay
80
80
ns
CTC Timing
36
TdCr(INTf)
Clock Rise to INT Rise Delay
TcC+100
TcC+80
ns
37
TsCTRr(Cr)c
CLK/TRG Rise to Clock Rise Setup
(for immediate count, Counter
mode)
90
90
ns
38
TsCTRr(Cr)t
CLK/TRG Rise to Clock Rise Setup
(for enabling prescaler on following
Clock Rise, Timer mode)
90
90
ns
Table 5. AC Characteristics of the Z84C90 (Continued)
8MHz
10MHz1
12MHz
No. Symbol
Parameter
Min
Max
Min
Max
Min Max U/M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com