Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z84C9012VSC Datasheet(PDF) 23 Page - Zilog, Inc.

Part # Z84C9012VSC
Description  KIO Serial/Parallel Counter Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z84C9012VSC Datasheet(HTML) 23 Page - Zilog, Inc.

Back Button Z84C9012VSC Datasheet HTML 19Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 20Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 21Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 22Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 23Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 24Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 25Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 26Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Z84C90
KIO Serial/Parallel Counter Timer
PS011802-0902
18
63
TrRxC
RxC Rise Time
60
60
ns
64
TfRxC
RxC Fall Time
60
60
ns
65
TsRxD(RxCr)
RxD to RxC Rise Setup
0
0
ns
66
ThRxCr(RxD)
RxC Rise to RxD Hold Time
80
60
ns
67 TdRxCr(W/Rf) RxC Rise to W/RDY Fall Delay
(Ready Mode)5
10
13
10
13
ns
68 TdRxCf(INTf)
RxC to INT Fall Delay5
10
13
10
13
ns
69 TdRxCr
(SYNCf)
RxC Rise to SYNC Fall Delay
(Output Mode)
47
4
7
ns
70 TsSYNCf
(RxCr)
SYNC Fall to RxC Rise Setup
(External Sync Mode)
-100
-100
ns
71 TdCf(IEOr)
Clock Fall to IEO Rise Delay
90
75
ns
72 TdCf(IEOf)
Clock Fall to IEO Fall Delay
110
90
ns
73 ThDI(M1r,Rdr) Data Hold Time to M1 Rise or RD
Rise
00
ns
74 TsM1/RD(C)
Setup time for M1 and RD to clock
Rising (with Data Valid)
20
20
Notes:
1. Maximum SIO data rate is f(CLOCK) divided by 5.
2. For a Z80 CPU above 8 MHz, one Wait state is required to meet this parameter.
3. These daisy chain parameters include contributions from the PIO, SIO, and CTC cells, and vary slightly
depending on how these are ordered by the KIO command register. See Table 5.
4. Counter mode only; when using a cycle time less than 3 TcC, parameter #37 must be met.
5. units are TcC.
Table 6.Daisy Chain Parameters
8 MHz
10 MHz
12 MHz
No. Symbol
Parameter
Min
Max
Min
Max
Min
Max
U/M
181 TdM1(IEO)
(PIO at #1)
160
150
125 ns
(CTC at #1)
180
150
125 ns
(SIO at #1)
230
200
200 ns
Table 5. AC Characteristics of the Z84C90 (Continued)
8MHz
10MHz1
12MHz
No. Symbol
Parameter
Min
Max
Min
Max
Min Max U/M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com