Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z84C9012VSC Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z84C9012VSC
Description  KIO Serial/Parallel Counter Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z84C9012VSC Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z84C9012VSC Datasheet HTML 15Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 16Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 17Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 18Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 19Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 20Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 21Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 22Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Z84C90
KIO Serial/Parallel Counter Timer
PS011802-0902
14
DC Characteristics
Vcc = 5.0V +/– 10% unless otherwise specified.
Table 3. DC Characteristics of the Z84C90
Symbol
Item
Min
Max
Unit
Condition
VILC
Clock Input Low Voltage
–0.3
+0.45
V
VIHC
Clock Input High Voltage
VCC–0.6 Vcc+0.3
VIL
Input Low Voltage
–0.3
+0.8
V
VIH
Input High Voltage
2.2
Vcc
V
VOL
Output Low Voltage
+0.4
V
IOL = 2.0mA
VOH1
Output High Voltage 1
2.4
V
IOH = 1.6mA
VOH2
Output High Voltage 2
VCC–0.8
V
IOH = 250mA
ILI
Input Leakage Current
±10.0
mA
Vin = 0.4~Vcc
IOL
3-State Leakage Current
±10.0
mA
Vin = 0.4~Vcc
IL(SY)
SYNC Pin Leakage
Current
+10
–40
mA
Vin = 0.4~Vcc
IOHD
Darlington Drive Current
(Port B and ZC/T00~3)
–1.5
mA
VOH = 1.5V
REXT = 390 Ohms
ICC
Power Supply Current*
8 MHz
10MHz
12.5MHz
15
15
15
mA
mA
VCC = 5 V
VIH = Vcc–.2V
VIL =.2V
*Measurement made with output floating over specified temperature and voltage ranges.
Table 4. Capacitance
Symbol
Parameter
Minimum Maximum Unit
CCLOCK
CIN
COUT
Clock Capacitance
Input Capacitance
Output Capacitance
10
10
15
cF
cF
cF
TA = 25°C, f = 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com