Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z84C9012VSC Datasheet(PDF) 24 Page - Zilog, Inc.

Part # Z84C9012VSC
Description  KIO Serial/Parallel Counter Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z84C9012VSC Datasheet(HTML) 24 Page - Zilog, Inc.

Back Button Z84C9012VSC Datasheet HTML 20Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 21Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 22Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 23Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 24Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 25Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 26Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 27Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Z84C90
KIO Serial/Parallel Counter Timer
PS011802-0902
19
192 TsIEI (IO)
(PIO at #3)
170
140
115
ns
(CTC at #3)
170
160
130
ns
(SIO at #3)
180
160
130
ns
203 TdIEI(IEOf)
160
150
125 ns
214 TdIEI(IEOr)
160
150
125 ns
Notes: to calculate Z80 KIO daisy-chain timing, use the Z80 PIO, CTC, and SIO with I/O buffers on the chain. The
following are calculation formulas:
1. Parameter 18: M1 falling to IEO delay TdM1(IEO) = TdM1(IO)#1 + TdIEI(IEO)#2 + TdIEI(IEO)#3 + Output Buffer
Delay).
2. Parameter 19: IEI to IORQ falling setup time TsIEI(IO) = TdIEI(IEO)#1 + TdIEI(IEO)#2 + TdIEI(IEO)#3 + Input
Buffer Delay).
3. Parameter 20: IEI falling delay = TdIEI(IEOf) - TdIEI(IEOf)PIO + TdIEI(IEOf)CTC + TdIEI(IEOf)SIO + (Input buffer
Delay) + (Output Buffer Delay).
4. Parameter 21: IEI rising to IEO rising delay (after ED decode) - TdIEI(IEOr) = TdIEI(IEOr)PIO + TdIEI(IEOr)CTC
+ TdIEI(IEOr)SIO + ((Input buffer Delay) + (Output Buffer Delay).
Table 6.Daisy Chain Parameters (Continued)
8 MHz
10 MHz
12 MHz
No. Symbol
Parameter
Min
Max
Min
Max
Min
Max
U/M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com