Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 19 Page - Microchip Technology

Part # PD70201
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 19 Page - Microchip Technology

Back Button PD70201 Datasheet HTML 15Page - Microchip Technology PD70201 Datasheet HTML 16Page - Microchip Technology PD70201 Datasheet HTML 17Page - Microchip Technology PD70201 Datasheet HTML 18Page - Microchip Technology PD70201 Datasheet HTML 19Page - Microchip Technology PD70201 Datasheet HTML 20Page - Microchip Technology PD70201 Datasheet HTML 21Page - Microchip Technology PD70201 Datasheet HTML 22Page - Microchip Technology PD70201 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
...........continued
Pin Number
Pin Name
Description
7
RREF
Bias current resistor. A 60.4 KΩ 1% resistor is connected between RREF
and IC ground (VPN_IN).
8
RCLS
Sets the class of the PD. Connect RCLASS (programming resistor) between
this pin and IC ground (VPN_IN). Allowed values are 133 Ω, 69.8 Ω, 45.3
Ω, and 30.9 Ω for Class 1, 2, 3, and 4, respectively. If RCLASS is not
present, the PD will draw up to 3 mA during classification, indicating Class 0
(default type 1) to the PSE. Signal is referenced to VPN_IN.
9, 10
NA
11, 12
VPN_IN
Lower rail of the incoming PSE voltage rail, from the negative terminal of
the two OR-ed bridge rectifiers. The corresponding upper PoE rail is VPP.
13, 14
NA
15
NC
No connect.
16, 17
VPN_OUT
In effect, the switched ground for establishing continuity to the PWM section
after successful detection, classification, and power-up. It is connected to
the power ground and PWM controller IC’s ground plane of the DC–DC
converter section.
18, 19
NA
20, 21, 22, 23
NC
No connect.
24
AT_FLAG
Open drain output. This pin gets actively pulled low when a type 2 PD-PSE
mutually identifies each other through classification. There is a minimum 80
ms delay from the moment that the input capacitor is fully charged to this
signal activity. Signal is referenced to VPN_OUT.
25
HD_FLAG
Open drain output. This pin gets actively pulled low when a 2-pair HDBaseT
PD-PSE mutually identifies each other through classification. There is a
minimum 80 ms delay from the moment that the input capacitor is fully
charged to this signal activity. Signal is referenced to VPN_OUT.
26
4P_AT_FLAG
Open drain output. This pin gets actively pulled low when a 4-pair version of
a (non-standard) type 2 PD-PSE mutually identifies each other through
classification. There is a minimum 80 ms delay from the moment that the
input capacitor is fully charged to this signal activity. Signal is referenced to
VPN_OUT.
27
4P_HD_FLAG
Open drain output. This pin gets actively pulled low when a 4-pair HDBaseT
PD-PSE mutually identifies each other through classification. There is a
minimum 80 ms delay from the moment that the input capacitor is fully
charged to this signal activity. Signal is referenced to VPN_OUT.
28
WA_EN
While this input is low (referenced to VPN_IN), the chip works according to
internal flow diagram. When this input is high, it enables the wall adapter
feature. Place from 100 nF/10 V to 1 μF/10 V capacitor from WA_EN to
VPN_IN pins, close to the device. When WA_EN is not used, connect it to
VPN_IN. For more information, see Figure 1-3.
29,30
NA
31
VAUX
Auxiliary voltage rail. This is used to provide a few mA of startup current for
the PWM controller (typically, 10.5 V). Signal is referenced to VPN_OUT
and is activated once the front-end power-up sequence ends. DC–DC
should not start up until Vaux is active.
32, 33
NA
PD70210/PD70210A/PD70210AL
Pin Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com