Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 15 Page - Microchip Technology

Part # PD70201
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PD70201 Datasheet HTML 11Page - Microchip Technology PD70201 Datasheet HTML 12Page - Microchip Technology PD70201 Datasheet HTML 13Page - Microchip Technology PD70201 Datasheet HTML 14Page - Microchip Technology PD70201 Datasheet HTML 15Page - Microchip Technology PD70201 Datasheet HTML 16Page - Microchip Technology PD70201 Datasheet HTML 17Page - Microchip Technology PD70201 Datasheet HTML 18Page - Microchip Technology PD70201 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
3.
Pin Descriptions
This section provides the pin information for the PD70210/PD70210A/PD7021AL devices.
The following figures show the device pin diagrams (top and bottom views).
Figure 3-1. PD70210 Pinout
Top View
Bottom View
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VPP
RDET
SUPP_S1
SUPP_S2
RREF
RCLS
VPN_IN
VPN_IN
VAUX
PGOOD
4P_HD_FLAG
4P_AT_FLAG
HD_FLAG
AT_FLAG
VPN_OUT
VPN_OUT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EPAD
Connect to
VPN_IN
MSC
70210
z z e3
YYWWNNN
Figure 3-2. PD70210A Pinout
Top View
Bottom View
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
16
15
14
13
12
11
10
9
EPAD
Connect to
VPN_IN
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
16
15
14
13
12
11
10
9
VPP
RDET
SUPP_S1
SUPP_S2
RREF
RCLS
VPN_IN
VPN_IN
VPP
RDET
SUPP_S1
SUPP_S2
RREF
RCLS
VPN_IN
VPN_IN
VAUX
WA_EN
4P_HD_FLAG
4P_AT_FLAG
HD_FLAG
AT_FLAG
VPN_OUT
VPN_OUT
VAUX
WA_EN
4P_HD_FLAG
4P_AT_FLAG
HD_FLAG
AT_FLAG
VPN_OUT
VPN_OUT
MSC
70210A
z z e3
YYWWNNN
PD70210/PD70210A/PD70210AL
Pin Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com