Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 11 Page - Microchip Technology

Part # PD70201
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PD70201 Datasheet HTML 7Page - Microchip Technology PD70201 Datasheet HTML 8Page - Microchip Technology PD70201 Datasheet HTML 9Page - Microchip Technology PD70201 Datasheet HTML 10Page - Microchip Technology PD70201 Datasheet HTML 11Page - Microchip Technology PD70201 Datasheet HTML 12Page - Microchip Technology PD70201 Datasheet HTML 13Page - Microchip Technology PD70201 Datasheet HTML 14Page - Microchip Technology PD70201 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
...........continued
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
ICLASS_CLIM
Current limit of
class current
—
50
68
80
mA
ICLASS
Classification
current sink
RCLASS = not
present (Class
0)
—
—
3
mA
RCLASS = 133
Ω (Class 1)
9.5
10.5
11.5
RCLASS = 69.8
Ω (Class 2)
17.5
18.5
19.5
RCLASS = 45.3
Ω (Class 3)
26.5
28.0
29.5
RCLASS = 30.9
Ω (Class 4)
38.0
40.0
42.0
Table 2-4. Isolation FET
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
RDSON
On resistance
Total
resistance
between
VPN_IN to
VPN_OUT;
ILOAD < 600
mA, –40 °C <
TA < 85 °C
—
0.22
0.3
Ω
ICLIM_INRUSH
Inrush current
limit
—
105
240
325
mA
OCP
Overcurrent
protection
—
2.2
—
—
A
ILOAD
Continuous
operation
load1
—
—
—
2
A
Note:  1. Actual maximum load is subjected to the application environment conditions, such as ambient
temperatures, air flow, mutual heating by other components, and so on.
Table 2-5. Undervoltage Lockout
Symbol
Parameter
Minimum
Maximum
Unit
UVLOON
Threshold that marks
start of inrush phase
36
42
V
UVLOOFF
Threshold where
pass-FET turns off as
VPP collapses
30.5
34.5
V
PD70210/PD70210A/PD70210AL
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com